전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • HVS-F5-R

  • AI
    The **HVS-F5-R** is a high-performance **High Voltage Spark Gap** (specifically a triggered gas-discharge tube or spark gap) commonly utilized in industrial pulse power applications, ignition systems, and surge protection. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The HVS-F5-R belongs to the family of **Triggered Spark Gaps**. Unlike a standard two-electrode gap that breaks down only when its threshold is reached, this component features a third electrode (trigger) that allows for precise timing of the high-voltage discharge. ### 2. Technical Specifications Typical parameters for the HVS-F5 series are outlined in the table below: | Feature | Specification (Typical) | | :--- | :--- | | **Main Breakdown Voltage** | 5.0 kV (Nominal) | | **Trigger Voltage** | > 10 kV | | **Peak Current Capacity** | 20 kA - 50 kA | | **Energy Rating** | Up to 100 Joules | | **Housing Material** | Ceramic or Reinforced Glass | | **Internal Atmosphere** | Pressurized Inert Gas (Hydrogen/Nitrogen mix) | ### 3. Key Electronic Parts & Construction The device is composed of several critical sub-elements: * **Primary Electrodes (Anode/Cathode):** Heavy-duty tungsten or copper-tungsten alloy disks designed to withstand high temperatures and plasma erosion during the arc-over phase. * **Trigger Electrode:** A thin needle-like probe located near the cathode. When a high-voltage pulse is applied here, it ionizes the gas locally, causing the main gap to become conductive. * **Ceramic Envelope:** High-alumina ceramic housing provides high insulation resistance and structural integrity against the internal pressure of the gas. * **Hermetic Seal:** Specialized metal-to-ceramic seals ensure the pressurized gas does not leak, maintaining a consistent breakdown voltage over thousands of cycles. ### 4. Working Principle The HVS-F5-R operates on the principle of **Gas Ionization**: 1. **Standby:** The main voltage (e.g., 4kV) is applied across the main electrodes but is below the 5kV breakdown threshold. 2. **Triggering:** A trigger circuit sends a fast-rising pulse (>10kV) to the trigger electrode. 3. **Conduction:** The trigger pulse creates a "pilot" spark, ionizing the internal gas. The resistance drops instantly, allowing the main stored energy to discharge through the gap. --- ### 5. Application Areas * **Medical:** Lithotripsy (breaking kidney stones). * **Industrial:** High-energy pulse welding and metal forming. * **Defense:** Firing systems for detonators and pulsed laser power supplies. * **Research:** Marx generators and particle accelerators.
    ✨ Follow-up Questions
    • ⤷ What are the safety precautions when handling the HVS-F5-R in a circuit?
    • ⤷ How does the trigger pulse rise time affect the switching speed of this spark gap?
    • ⤷ What are the common failure modes for triggered gas-discharge tubes?