전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • I641-61AC9O2-155.520

  • AI
    Based on the part number structure provided, the **I641-61AC9O2-155.520** refers to a high-precision **Voltage Controlled Crystal Oscillator (VCXO)**, likely manufactured by companies like *ILSI*, *Ecliptek*, or *Abracon* (which share similar naming conventions for frequency control products). --- ## 1. Technical Specification Breakdown The alphanumeric string encodes the specific physical and electrical characteristics of the component. | Segment | Feature | Description | | :--- | :--- | :--- | | **I641** | **Package Type** | Typically represents a standard SMD (Surface Mount Device) package, often 5.0 x 3.2 mm or 7.0 x 5.0 mm. | | **61** | **Voltage Supply** | Indicates the operating voltage (Commonly 3.3V or 2.5V). | | **AC** | **Stability & Temp** | Defines the frequency stability (e.g., ±25ppm or ±50ppm) over an operating temperature range. | | **9** | **Duty Cycle** | Specifies the symmetry of the output waveform (e.g., 45/55%). | | **O2** | **Output Type** | Likely **LVPECL** or **LVDS** differential output, which are standard for high frequencies. | | **155.520** | **Frequency** | The nominal operating frequency in MHz (**155.520 MHz**). | --- ## 2. Key Electrical Attributes This specific frequency (**155.520 MHz**) is a standard industry value used in high-speed telecommunications. ### Frequency Significance * **SONET/SDH:** 155.520 MHz is the fundamental clock rate for OC-3/STM-1 optical networking standards. * **Precision:** As a VCXO, the frequency can be slightly adjusted (pulled) by applying a control voltage to a specific pin, allowing the system to synchronize with an external reference clock. ### Output Characteristics * **Differential Signaling:** Parts in this category usually use LVPECL (Low-Voltage Positive Emitter-Coupled Logic). This provides excellent noise immunity and high-speed switching capabilities. * **Jitter Performance:** Designed for "Low Phase Jitter," essential for maintaining low bit-error rates in data transmission. --- ## 3. Application Areas This component is typically found in infrastructure-grade hardware rather than consumer electronics: 1. **Networking:** Switches, routers, and base stations. 2. **Fiber Optics:** Transceiver modules and optical line terminals. 3. **Phase-Locked Loops (PLL):** Used as a local oscillator in frequency synthesis circuits. 4. **Test & Measurement:** High-speed data acquisition systems. --- ## 4. Typical Pin Configuration For a standard 6-pad SMD VCXO, the pinout usually follows this pattern: ```text Pin 1: Voltage Control (Vc) Pin 2: Enable/Disable (OE) Pin 3: Ground (GND) Pin 4: Output (Q) Pin 5: Complementary Output (Q-bar) Pin 6: Supply Voltage (Vdd) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact package size for the I641 series?
    • ⤷ Can this part be substituted with a standard XO (Fixed Oscillator) instead of a VCXO?
    • ⤷ What is the typical phase jitter specification for a 155.520 MHz PECL oscillator?