전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IA0204-R22KA

  • AI
    The **IA0204-R22KA** is a specific surface-mount electronic component, typically classified as an **SMD Inductor** (specifically a Wire-wound Chip Inductor). These components are widely used in radio frequency (RF) and signal processing applications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **IA** | Series Prefix | Often indicates the manufacturer's series (e.g., Viking or similar brands). | | **0204** | Case Size | Dimensions (approx. 0.20 x 0.04 inches or metric equivalent). | | **R22** | Inductance Value | **0.22 µH** (220 nH). The 'R' acts as a decimal point. | | **K** | Tolerance | **±10%** | | **A** | Packaging/Special | Often denotes Tape & Reel packaging or a specific material grade. | --- ### 2. Key Specifications While exact values can vary slightly by manufacturer, the typical specifications for a 0.22 µH inductor in this class include: * **Inductance:** 0.22 µH (Microhenries). * **Tolerance:** ±10% (denoted by 'K'). * **Quality Factor (Q):** Usually high (30-50 range) at specific frequencies (e.g., 25.2 MHz). * **Self-Resonant Frequency (SRF):** Typically > 450 MHz. * **Rated Current (Idc):** Usually between 100mA to 450mA depending on the exact build. * **DC Resistance (DCR):** Low, often < 1.0 Ohm. --- ### 3. Construction and Materials The "IA" series usually utilizes a **Ceramic Core** or a **Ferrite Core** depending on the frequency requirements: * **Wire-wound:** A copper wire is wrapped around a core to achieve precise inductance. * **Termination:** Tin-plated electrodes for standard SMT (Surface Mount Technology) soldering. * **Encapsulation:** Often coated in a clear or black epoxy resin to protect the windings from physical damage and moisture. --- ### 4. Typical Applications This specific value (0.22 µH) is common in the following circuits: 1. **RF Matching:** Used in wireless communication devices to match impedance between stages. 2. **Signal Filtering:** Part of Low-Pass or Band-Pass filters to remove noise from high-frequency lines. 3. **Decoupling:** Blocking high-frequency AC noise in power supply rails for sensitive ICs. 4. **Telecommunications:** Used in modems, routers, and mobile infrastructure. --- ### 5. Equivalent Substitutes If you cannot find this exact part number, you can look for inductors with the following matching criteria: * **Footprint:** 0204 (or metric 0504 equivalent). * **Inductance:** 220 nH (0.22 µH). * **Tolerance:** 10% or tighter (5%/J). * **Current Rating:** Must be equal to or higher than the original part's requirement.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension in millimeters for the 0204 package?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
    • ⤷ Can I replace a 10% (K) tolerance inductor with a 5% (J) tolerance inductor?