전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IA0307-R10MA

  • AI
    The **IA0307-R10MA** is a specific surface-mount power inductor, typically manufactured by companies like **ITG Electronics**. These components are critical in power management circuits for energy storage and filtering. --- ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | | **Tolerance** | ±20% | | **Current Rating (Irms)** | High Current (Approx. 40A - 60A depending on series) | | **Saturation Current (Isat)** | High Peak Current (Approx. 80A+) | | **DC Resistance (DCR)** | Extremely Low (typically < 0.30 mΩ) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Characteristics * **Package Type:** Surface Mount Device (SMD). * **Construction:** Usually features a molded iron powder core or a ferrite composite. This construction provides high magnetic saturation and shielding to minimize Electromagnetic Interference (EMI). * **Size Code:** The "0307" designation often refers to the physical dimensions (approximately 7mm x 7mm or similar, depending on the manufacturer's specific series scaling). --- ### 3. Functional Role in Electronics The IA0307-R10MA serves several vital functions within a circuit: 1. **Energy Storage:** In DC-DC buck converters, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Ripple Filtering:** It smoothes out the output current, reducing the "ripple" voltage to provide clean power to sensitive components like CPUs or GPUs. 3. **High-Frequency Performance:** Due to its low inductance (0.10 µH), it is designed for high-switching frequency applications where rapid response to load changes is required. --- ### 4. Common Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards to power processors. * **Point of Load (POL) Converters:** Distributed power systems in telecommunications. * **Graphics Cards:** High-current power phases for GPUs. * **Industrial Power Supplies:** High-efficiency buck-boost converters. --- ### 5. Part Number Breakdown (Generic) * **IA:** Series Prefix (Manufacturer specific). * **0307:** Physical size/dimension code. * **R10:** Inductance value (R represents the decimal point; R10 = 0.10 µH). * **M:** Tolerance code (M = ±20%). * **A:** Revision or termination style code.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the IA0307-R10MA?
    • ⤷ How does the saturation current affect the performance of this inductor?
    • ⤷ What is the recommended footprint for soldering this component?