IA0405-R15KA
AI

The **IA0405-R15KA** is a specific type of **Miniature Inductor** (often referred to as a chip inductor or power inductor). These components are essential in managing current flow and filtering noise within compact electronic circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number follows a standard industry naming convention where the dimensions and the inductance value are encoded.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Inductor | Passive component that stores energy in a magnetic field. |
| **Inductance Value** | 0.15 µH | Represented by "R15" (R acts as a decimal). |
| **Tolerance** | ±10% | Represented by "K" (Standard tolerance for power inductors). |
| **Package Size** | 0405 | Approximately 4.0mm x 5.0mm footprint. |
| **Mounting Type** | Surface Mount (SMD) | Designed for automated PCB assembly. |
---
### 2. Key Electronic Parameters
To understand how this part functions in a circuit, consider these three critical electrical factors:
* **DC Resistance (DCR):** This is the internal resistance of the wire used to wind the inductor. Lower DCR is preferred to minimize heat loss and improve efficiency.
* **Saturation Current ($I_{sat}$):** The maximum current level where the inductance drops by a specific percentage (usually 20-30%). Exceeding this causes the inductor to lose its properties.
* **Self-Resonant Frequency (SRF):** The frequency at which the component's parasitic capacitance cancels out its inductance. The part should be operated well below this frequency.
---
### 3. Common Applications
Due to its small size and 0.15µH rating, this part is typically used in high-frequency power conversion:
1. **DC-DC Converters:** Used as an output filter to smooth out voltage ripples in buck or boost regulators.
2. **Noise Suppression:** Acting as a low-pass filter to block high-frequency electromagnetic interference (EMI).
3. **Mobile Electronics:** Found in smartphones, tablets, and wearable tech where board space is extremely limited.
---
### 4. Structure and Composition
```mermaid
graph TD
A[IA0405-R15KA] --> B[Magnetic Core]
A --> C[Copper Winding]
A --> D[Terminations]
B --> B1[Ferrite or Composite Powder]
C --> C1[Enameled Copper Wire]
D --> D1[Tin-Plated Lead-Free]
```
---
- ⤷
What is the maximum current rating for the IA0405-R15KA?
- ⤷ Can I substitute an R15KA inductor with an R15MA version?
- ⤷ How does the '0405' package size affect heat dissipation compared to larger inductors?