전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IA0410-R18KA

  • AI
    The **IA0410-R18KA** is an inductive proximity sensor, commonly used in industrial automation for non-contact detection of metallic objects. These sensors are valued for their durability, high-speed switching, and resistance to environmental factors like dust and moisture. --- ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the sensor: | Parameter | Specification | | :--- | :--- | | **Sensing Distance ($S_n$)** | 0.8 mm to 1.0 mm | | **Housing Diameter** | M4 (4 mm metric thread) | | **Output Type** | PNP - Normally Open (NO) | | **Operating Voltage** | 10 - 30 VDC | | **Switching Frequency** | Up to 3 kHz | | **Housing Material** | Stainless Steel | | **Connection Type** | Integrated Cable (usually 2m) | | **IP Rating** | IP67 (Dust tight and waterproof) | --- ### 2. Internal Electronic Components The device functions through a series of internal stages that convert a physical presence into an electrical signal: 1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field that emanates from the sensing face. 2. **Detection Coil:** An inductive coil that interacts with metallic targets. When metal enters the field, eddy currents are induced, causing the oscillation amplitude to drop (the "Eddy Current Killed Oscillator" principle). 3. **Schmitt Trigger:** Monitors the amplitude of the oscillations and converts the analog change into a clean digital "ON" or "OFF" signal. 4. **Output Amplifier (PNP):** A transistor stage that switches the load. In a **PNP** configuration, the sensor connects the output wire to the positive voltage ($V+$) when triggered. --- ### 3. Wiring Diagram (Standard Color Code) Most versions of this sensor follow the standard industrial 3-wire color convention: ```markdown Brown (BN) -> Positive (+10 to 30V DC) Blue (BU) -> Negative (0V / Ground) Black (BK) -> Load / Signal Output (PNP NO) ``` --- ### 4. Key Applications * **Positioning:** Detecting the end-of-travel for small robotic arms or linear actuators. * **Counting:** High-speed counting of small metal parts on a conveyor belt. * **Pulse Generation:** Monitoring the RPM of small gears or shafts. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between NPN and PNP versions of this sensor?
    • ⤷ How does 'shielded' vs 'unshielded' mounting affect the sensing distance?
    • ⤷ Can this sensor detect non-metallic materials like plastic or glass?