전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ICPL0501SMT-R

  • AI
    ## ICPL0501SMT-R: High-Speed Optocoupler Analysis The **ICPL0501SMT-R** is a high-speed, single-channel optocoupler (optically coupled isolator) manufactured by Isocom Components. It is designed to provide electrical isolation between input and output circuits while transferring signals at high speeds. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical parameters of the device: | Parameter | Specification | | :--- | :--- | | **Package Type** | SOP-8 (Surface Mount) | | **Data Rate** | 1 Mbit/s (Typical) | | **Isolation Voltage** | 3750 Vrms | | **Common Mode Rejection (CMR)** | 10 kV/μs (Typical) | | **Collector-Emitter Voltage ($V_{CEO}$)** | -0.5V to 15V | | **Forward Current ($I_F$)** | 25 mA | | **Operating Temperature** | -55°C to +100°C | | **Configuration** | Open Collector Output | --- ### 2. Internal Components & Operation The ICPL0501 utilizes an internal architecture designed for speed compared to standard phototransistor optocouplers: * **Input Stage:** An AlGaAs Infrared LED. * **Output Stage:** An integrated high-speed photodetector consisting of a photodiode and a transistor. * **Design Logic:** By separating the photodiode and the output transistor, the device reduces the base-collector capacitance, allowing for much faster switching speeds than conventional optocouplers. --- ### 3. Pin Configuration The SOP-8 package follows a standard industry footprint for high-speed couplers: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | N.C. | No Connection | | 2 | Anode | LED Input (+) | | 3 | Cathode | LED Input (-) | | 4 | N.C. | No Connection | | 5 | GND | Ground | | 6 | $V_O$ | Output (Collector) | | 7 | $V_B$ | Base (Usually not connected or for biasing) | | 8 | $V_{CC}$ | Supply Voltage | --- ### 4. Key Applications Due to its high noise immunity and speed, the ICPL0501SMT-R is commonly found in: 1. **Industrial Controls:** Isolation of logic circuits from high-voltage transients. 2. **Switching Power Supplies:** Feedback loops where high-speed response is critical. 3. **Line Receivers:** Eliminating ground loops in data transmission. 4. **IPM (Intelligent Power Module) Interfacing:** Providing gate drive isolation. --- ### 5. Circuit Implementation Example The output is an **Open Collector**, meaning an external pull-up resistor is required to define the logic "High" state. ```c // Typical Connection Schematic Representation [Input Signal] -> [R_limit] -> [Pin 2 (Anode)] [Ground] -> [Pin 3 (Cathode)] [Vcc (5V/15V)] -> [Pin 8] [Vcc] -> [R_pullup] -> [Pin 6 (Output)] [Ground] -> [Pin 5] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ICPL0501 and the 6N136 optocoupler?
    • ⤷ How do I calculate the appropriate pull-up resistor for the open collector output?
    • ⤷ Does this part comply with automotive safety standards like AEC-Q100?