전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ICS-R372B

  • AI
    ## Overview of the ICS-R372B The **ICS-R372B** is a high-performance, industrial-grade **COM Express Type 6 Compact module**. It is designed for embedded applications requiring robust processing power, typically utilized in medical imaging, industrial automation, and high-end digital signage. --- ### Key Technical Specifications | Component | Specification Details | | :--- | :--- | | **Processor Support** | 7th Generation Intel® Core™ i7/i5/i3 (Kaby Lake) | | **Form Factor** | COM Express® R3.0, Compact (95 x 95 mm) | | **Memory** | 2x DDR4-2133 SO-DIMM, up to 32GB | | **Graphics** | Intel® HD Graphics 620/610 | | **Video Outputs** | 3 independent displays (DDI, LVDS/eDP, VGA) | | **Ethernet** | Intel® I219-LM GbE PHY (Support iAMT 11) | | **I/O Interfaces** | 8x USB 2.0, 4x USB 3.0, 2x SATA III, 2x UART | | **Expansion** | 8x PCIe x1 Gen3, 1x PCIe x16 Gen3 | --- ### Detailed Electronic Components #### 1. CPU & Architecture The board is centered around the **Intel Kaby Lake** microarchitecture. This provides a significant balance between TDP (Thermal Design Power) and computational performance. It supports **Intel® Turbo Boost Technology** and **Hyper-Threading**, making it suitable for multitasking in industrial environments. #### 2. Power Management (VRM) The module features sophisticated **Voltage Regulator Modules (VRM)** to convert the standard 12V input (wide range support usually 8.5V to 20V) into the low voltages required by the CPU and DDR4 RAM. It includes protection circuits for: * Over-voltage protection (OVP) * Under-voltage lockout (UVLO) * Thermal throttling to prevent overheating. #### 3. Connectivity & Bus Speed * **PCIe Gen 3:** Provides high-speed data lanes for external GPUs or high-speed NVMe storage. * **SATA III:** Supports data transfer rates up to 6Gb/s for industrial SSDs. * **USB 3.0:** Offers 5Gbps bandwidth for high-speed peripherals and cameras. #### 4. Graphics & Display Engine The integrated Intel HD Graphics supports hardware acceleration for **4K UHD** video playback. It is capable of driving three simultaneous displays through Digital Display Interfaces (DDI) which can be configured as DisplayPort, HDMI, or DVI. --- ### Environmental & Physical Reliability Because this is an industrial-grade part, its electronic components are rated for: * **Operating Temperature:** 0°C to 60°C (Standard) or -40°C to 85°C (Extended/Industrial). * **MTBF:** High Mean Time Between Failures due to the use of solid-state capacitors and industrial-grade PCB laminates. ---
    ✨ Follow-up Questions
    • ⤷What are the specific power consumption requirements for the ICS-R372B?
    • ⤷ Which carrier boards are compatible with this COM Express Type 6 module?
    • ⤷ How does the Kaby Lake architecture in this module compare to newer Tiger Lake modules?