전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ID2006SEC-R1

  • AI
    The **ID2006SEC-R1** is a specialized electronic fingerprint sensor module, typically utilized in biometric security systems, smart locks, and attendance machines. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications The following table outlines the core electrical characteristics of the ID2006SEC-R1 module: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Capacitive Fingerprint Sensor | | **Operating Voltage** | DC 3.3V (±5%) | | **Operating Current** | < 40mA (Active), < 10uA (Standby/Sleep) | | **Communication Interface** | UART (TTL) or SPI | | **Baud Rate** | 9600 to 115200 bps (Default: 115200) | | **Storage Capacity** | Up to 170 - 500 templates (model dependent) | | **Resolution** | 508 DPI | --- ## 2. Core Electronic Components ### A. Capacitive Sensor Grid The "R1" designation often refers to a circular or rectangular capacitive sensing area. Unlike optical sensors that use a camera, this part uses an array of micro-capacitors to measure the voltage difference between the ridges (touching the surface) and valleys (not touching) of a fingerprint. ### B. Integrated Processor (MCU) The module contains an onboard high-speed microcontroller responsible for: * **Image Processing:** Converting the raw analog capacitance data into a digital image. * **Template Extraction:** Using algorithms to identify "minutiae" (unique points). * **Secure Storage:** Storing encrypted biometric templates within its internal flash memory. ### C. Power Management Circuit To support battery-operated devices (like smart door locks), the ID2006SEC-R1 includes a sophisticated power management IC. It supports a **3.3V logic level** and features a "Touch Induction" pin, which allows the main system to stay in deep sleep until a finger is detected. --- ## 3. Interface Pinout (Typical 6-Pin Connector) Most ID2006 series modules use a 1.0mm or 1.25mm pitch connector with the following electronic signals: | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | 3.3V Power Input | | 2 | **TX/MOSI** | Data Output (UART) or Master Out (SPI) | | 3 | **RX/MISO** | Data Input (UART) or Master In (SPI) | | 4 | **GND** | Ground | | 5 | **WAKEUP** | Output signal to wake up the host MCU | | 6 | **3.3V_Touch** | Independent power for the touch-sensing circuit | --- ## 4. Operational Logic 1. **Sensing:** The capacitive grid detects the finger. 2. **Digitization:** The onboard ADC (Analog-to-Digital Converter) converts the signal. 3. **Comparison:** The MCU compares the live scan against the stored HEX string templates. 4. **Output:** The module sends a "Success" or "Fail" packet via the UART interface to the master controller (e.g., Arduino, ESP32, or ARM processor).
    ✨ Follow-up Questions
    • ⤷ What is the command protocol used to communicate with the ID2006SEC-R1?
    • ⤷ How do you wire this sensor to an Arduino or ESP32 board?
    • ⤷ Does this module support encrypted data transmission for higher security?