전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IDT7130LA55JB

  • AI
    ## Overview of IDT7130LA55JB The **IDT7130LA55JB** is a high-speed **1K x 8 Dual-Port Static RAM (SRAM)** manufactured by Integrated Device Technology (now part of Renesas Electronics). Dual-port RAM is a specialized type of memory that allows two independent systems (or processors) to read and write to the same memory locations simultaneously. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Density** | 8 Kbit (1,024 words x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Interface** | Parallel (Dual-Port) | | **Voltage Supply** | 4.5V to 5.5V (Standard 5V) | | **Package Type** | PLCC-52 (Plastic Leaded Chip Carrier) | | **Power Version** | "LA" (Low Power) | | **Operating Temp** | 0°C to +70°C (Commercial) | --- ### 2. Functional Architecture The device is designed to handle asynchronous communication between two buses. To manage potential data conflicts, it includes specific hardware logic: * **Independent Control:** Each port (Left and Right) has its own independent address, data, and control pins (Read/Write, Chip Enable, Output Enable). * **Arbitration Logic:** It features **Busy ($ \overline{BUSY} $)** signals to notify a port if the other port is currently accessing the same memory location. * **Interrupt Logic:** It includes an **Interrupt ($ \overline{INT} $)** function that acts as a mailbox, allowing one processor to signal the other that data is ready. --- ### 3. Pinout and Packaging Details (PLCC-52) The "JB" suffix indicates a 52-pin Plastic Leaded Chip Carrier. Key pin groups include: 1. **Address Lines ($A_{0L}-A_{9L}$ and $A_{0R}-A_{9R}$):** Used to select one of the 1,024 bytes from either side. 2. **Data I/O ($I/O_{0L}-I/O_{7L}$ and $I/O_{0R}-I/O_{7R}$):** The 8-bit bi-directional data paths. 3. **Control Pins:** * $R/\overline{W}$: Read or Write selection. * $\overline{CE}$: Chip Enable. * $\overline{OE}$: Output Enable. * $\overline{SEM}$: Semaphore signaling for resource management. --- ### 4. Typical Applications * **Inter-Processor Communication:** Bridging a slow 8-bit microcontroller with a faster 16/32-bit DSP. * **Buffer Memory:** Used in network controllers or disk drive controllers to store data packets/blocks during transfer. * **Dual-Bus Systems:** Systems where two different CPUs need shared access to a lookup table or status register. --- ### 5. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **IDT7130** | Base part number (1K x 8 Dual-Port RAM) | | **LA** | Low Power version | | **55** | 55ns access speed | | **J** | PLCC package type | | **B** | Commercial temperature range / Revision code |
    ✨ Follow-up Questions
    • ⤷ How does the arbitration logic prevent data corruption in this Dual-Port RAM?
    • ⤷ What are the main differences between the IDT7130 and the IDT7132 models?
    • ⤷ Can this 5V device be interfaced directly with a 3.3V modern microcontroller?