전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IDT7134LA55J

  • AI
    ## IDT7134LA55J: Technical Overview The **IDT7134LA55J** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** manufactured by Integrated Device Technology (now part of Renesas Electronics). It is designed to allow two independent systems to access the same memory space simultaneously. --- ### 1. Key Specifications The nomenclature of the part number reveals its primary performance characteristics: | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 32K (4K x 8-bit) | | **Technology** | CMOS | | **Speed (Access Time)** | 55 ns | | **Power Consumption** | Low Power (LA series) | | **Package Type** | PLCC (Plastic Leaded Chip Carrier) | | **Operating Voltage** | 5V ± 10% | --- ### 2. Functional Features The "Dual-Port" nature is the most critical aspect of this component. Here is how it functions: * **Independent Access:** The chip provides two completely independent ports (Left and Right) that include their own control, address, and I/O pins. * **Arbitration & Semaphores:** To prevent data corruption during simultaneous writes to the same memory location, the IDT7134 uses **Semaphore flags**. These are hardware tokens used to coordinate shared resources. * **Asynchronous Operation:** The two ports can operate at different speeds and are not required to be synchronized to a single clock. --- ### 3. Pinout and Interface The **J** suffix indicates a **52-pin PLCC** package. The pins are generally categorized into these functional groups: | Group | Function | | :--- | :--- | | **Address (A0L-A11L / A0R-A11R)** | Address inputs for Left and Right ports. | | **Data (I/O 0L-7L / I/O 0R-7R)** | 8-bit bidirectional data lines for each port. | | **Control (CE, OE, R/W)** | Chip Enable, Output Enable, and Read/Write controls. | | **Semaphores (SEM)** | Controls access to the semaphore registers. | --- ### 4. Common Applications Because it allows two processors to communicate through a shared memory "buffer," it is commonly found in: * **Multi-processor systems:** Bridging communication between a DSP and a CPU. * **Communication Buffers:** Handling data between two different bus architectures. * **Industrial Controllers:** Managing real-time data shared between a main controller and a peripheral interface. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 7134 and the 7130 series dual-port RAM?
    • ⤷ How do the semaphore flags prevent data collisions in this chip?
    • ⤷ Are there modern pin-compatible replacements for this legacy SRAM?