전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IDT7140LA55C

  • AI
    ## IDT7140LA55C: Technical Overview The **IDT7140LA55C** is a high-speed **1K x 8 Dual-Port Static RAM (SRAM)** manufactured by Integrated Device Technology (now part of Renesas Electronics). Dual-port RAMs are specialized memory components designed to allow two independent processors or buses to access the same memory space simultaneously. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Type** | SRAM (Static Random Access Memory) | | **Capacity** | 8 Kbits (1,024 words x 8 bits) | | **Access Time** | 55 ns (indicated by the "55" in the part number) | | **Interface** | Dual-Port (Left and Right ports) | | **Operating Voltage** | 5.0V ± 10% | | **Power Consumption** | Low Power ("LA" version) | | **Package Type** | 48-pin Sidebraze DIP (indicated by "C") | --- ### 2. Functional Description The core architecture of the IDT7140 features two identical sets of control, address, and I/O pins. This allows for **asynchronous** read/write operations from two different directions. #### A. Internal Arbitration Logic To prevent data corruption during simultaneous writes to the same memory location, the chip includes: * **Busy Logic ($\overline{BUSY}$):** Signals one port to wait if both attempt to access the same address. * **Interrupt Logic ($\overline{INT}$):** Used for inter-processor communication, acting as a "mailbox" system where one port can signal the other that data is ready. #### B. Pinout Categories 1. **Address Lines ($A_{0L-9L}$ / $A_{0R-9R}$):** Independent addressing for left and right ports. 2. **Data Lines ($I/O_{0L-7L}$ / $I/O_{0R-7R}$):** Bi-directional data paths for each port. 3. **Control Signals:** * $\overline{CE}$ (Chip Enable): Activates the port. * $\overline{OE}$ (Output Enable): Controls the data output buffers. * $R/\overline{W}$ (Read/Write): Determines the direction of data flow. --- ### 3. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Segment | Meaning | | :--- | :--- | | **IDT7140** | Base part number for 1K x 8 Dual-Port RAM | | **LA** | Low Power version (standard power is just "S") | | **55** | Speed Grade (55 nanoseconds access time) | | **C** | Package Code (48-pin Sidebraze Ceramic DIP) | --- ### 4. Common Applications * **Inter-Processor Communication:** Sharing data between a Master CPU and a Slave Microcontroller. * **Dual-Bus Systems:** Buffering data between a high-speed system bus and a slower peripheral bus. * **Real-Time Data Acquisition:** One port writes sensor data while the other port reads it for processing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LA' and 'S' power versions of this chip?
    • ⤷ How does the 'Busy' logic handle simultaneous write attempts to the same memory address?
    • ⤷ Are there modern SMD equivalents for the 48-pin Sidebraze DIP package?