전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IDT7140LA55JB

  • AI
    ## IDT7140LA55JB: Technical Overview The **IDT7140LA55JB** is a high-speed, low-power **Dual-Port Static RAM (SRAM)** chip originally manufactured by Integrated Device Technology (now part of Renesas Electronics). It is designed to allow two independent systems to access the same memory space simultaneously without interference. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Memory Density** | 8 Kbit (1K x 8 bits) | | **Access Time** | 55 ns (Nanoseconds) | | **Interface** | Asynchronous Dual-Port | | **Voltage Supply** | 5V ± 10% | | **Package Type** | PLCC-52 (Plastic Leaded Chip Carrier) | | **Temperature Grade** | Commercial (0°C to +70°C) | | **Power Consumption** | Low Power (LA Series) | --- ### 2. Functional Description The "Dual-Port" nature of this chip is its defining feature. It contains two sets of independent control, address, and I/O pins (Left Port and Right Port). * **Simultaneous Access:** Both ports can read or write to any location in the memory at the same time. * **Arbitration Logic:** To prevent data corruption during simultaneous writes to the same memory location, the chip includes **on-chip hardware arbitration**. * **Interrupt Flags:** It features "Mailbox" interrupt flags ($\overline{INT}_L$, $\overline{INT}_R$) that allow the two processors to communicate or signal tasks to one another. * **Busy Logic:** The $\overline{BUSY}$ signals indicate if one port is trying to access a memory location currently being used by the other port. --- ### 3. Pinout and Internal Logic The PLCC-52 package houses several critical signal groups: 1. **Address Lines ($A_{0L-9L}$ / $A_{0R-9R}$):** Independent addressing for both ports. 2. **Data Lines ($I/O_{0L-7L}$ / $I/O_{0R-7R}$):** 8-bit wide bidirectional data paths. 3. **Control Signals:** * $\overline{CE}$: Chip Enable. * $\overline{OE}$: Output Enable (controls data flow during reads). * $R/\overline{W}$: Read/Write control. * $\overline{SEM}$: Semaphore Enable (for software-level resource locking). --- ### 4. Typical Applications Because this chip acts as a "bridge" between two processing units, it is commonly found in: * **Multiprocessor Systems:** Shared memory between a CPU and a DSP. * **Communications Buffering:** Bridging data between different bus architectures. * **Industrial Controllers:** Where a real-time processor and a monitoring processor need shared data access.
    ✨ Follow-up Questions
    • ⤷ How does the 'Busy' logic handle simultaneous write conflicts in this chip?
    • ⤷ What are the main differences between the 'LA' (Low Power) and 'S' (Standard) versions of the IDT7140?
    • ⤷ Can you explain the function of the Semaphore (SEM) pins in Dual-Port RAM?