전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IDT7140LA55TFGI

  • AI
    The **IDT7140LA55TFGI** is a high-performance, low-power **Dual-Port Static RAM (SRAM)**. It is designed to allow two independent systems (or processors) to access the same memory space simultaneously without interfering with each other. --- ### 1. General Specifications This device is part of Renesas (formerly IDT) memory solutions, characterized by the following technical parameters: | Feature | Specification | | :--- | :--- | | **Memory Type** | Dual-Port SRAM | | **Density** | 8 Kbit (1K x 8 bits) | | **Speed (Access Time)** | 55 ns | | **Voltage Supply** | 4.5V to 5.5V (Standard 5V) | | **Operating Current** | Low Power (LA series) | | **Package** | TQFP-64 (Thin Quad Flat Pack) | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ### 2. Core Functional Parts The architecture of the IDT7140 consists of several critical internal sections: #### A. Dual-Port Memory Array The heart of the chip is a 1024-word by 8-bit RAM array. Unlike standard RAM, this array is "dual-ported," meaning it has two sets of address, data, and control lines (Left Port and Right Port). #### B. Control Logic (Left and Right) Each port has its own independent control signals: * **CE (Chip Enable):** Activates the port. * **OE (Output Enable):** Manages the data output buffers. * **R/W (Read/Write):** Determines the direction of data flow. #### C. Arbitration & Interrupt Logic Since two ports can try to write to the same memory location at the same time, the chip includes hardware to manage conflicts: * **BUSY Flag:** Signals when one port is accessing a location that the other port is attempting to access. * **INT (Interrupt) Flag:** Allows for "mailbox" style communication, where one processor can signal the other that data is ready to be read. #### D. Address & Data Buffers These act as the interface between the internal memory cell and the external pins, ensuring the electrical signals are stabilized and timing constraints (the 55ns access speed) are met. --- ### 3. Key Applications Because of its ability to bridge two different processing environments, it is commonly used in: 1. **Multiprocessor Systems:** Shared memory between a CPU and a DSP. 2. **Communication Buffering:** Handling data flow between two different bus speeds. 3. **Peripheral Controllers:** Interfacing a main processor with specialized I/O controllers. --- ### 4. Part Number Breakdown * **IDT7140:** Base Part Number (1K x 8 Dual-Port RAM). * **LA:** Low Power consumption version. * **55:** 55 Nanosecond access time. * **TFG:** TQFP package (Pb-Free/RoHS compliant). * **I:** Industrial Temperature grade.
    ✨ Follow-up Questions
    • ⤷ How does the 'BUSY' flag prevent data corruption in this Dual-Port SRAM?
    • ⤷ What are the pinout differences between the TQFP and PLCC versions of this chip?
    • ⤷ Can the IDT7140 operate at 3.3V logic levels?