전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IF-R02

  • AI
    The **IF-R02** is a specific electronic component typically used in consumer electronics, most notably as an **Infrared (IR) Receiver Module**. These modules are designed to receive modulated infrared signals (usually from a remote control) and convert them into electrical signals that a microcontroller can interpret. --- ### 1. Key Technical Specifications The IF-R02 typically operates within the standard consumer IR frequency range. Below are the common electronic characteristics: | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 2.7V to 5.5V DC | | **Carrier Frequency** | 38 kHz (Standard) | | **Supply Current** | 0.4mA to 1.5mA | | **Reception Distance** | 10 - 15 Meters | | **Reception Angle** | ±45 Degrees | | **Output Type** | Active Low (Logic 0 when signal detected) | --- ### 2. Internal Electronic Structure The IF-R02 is an integrated circuit (IC) that combines several electronic stages into a single package (usually a 3-pin epoxy-shielded component): * **Photodiode:** Sensitized to the infrared spectrum (~940nm). * **Preamplifier:** Boosts the weak current from the photodiode. * **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise. * **Band Pass Filter:** Specifically tuned to 38kHz to reject signals from sunlight or fluorescent bulbs. * **Demodulator:** Strips the 38kHz carrier wave to leave only the data pulses. --- ### 3. Pin Configuration The device generally follows a standard 3-pin layout, though physical orientation should always be verified with a multimeter or datasheet: 1. **OUT (Signal):** Connects to a digital input pin on a microcontroller. 2. **GND (Ground):** Connects to the 0V/Common power rail. 3. **VCC (Power):** Connects to the positive supply (3.3V or 5V). --- ### 4. Application Example (Arduino) To use the IF-R02 in a circuit, you would typically connect it as follows: ```cpp // Basic code snippet to read IF-R02 output int irPin = 2; // Connected to OUT pin of IF-R02 void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { Serial.println("IR Signal Detected"); } } ``` --- ### 5. Common Use Cases * **Home Automation:** Controlling lights or fans via remote. * **Robotics:** Obstacle detection or remote-controlled movement. * **Media Centers:** Standard interface for TV/DVD player IR reception.
    ✨ Follow-up Questions
    • ⤷ How do I determine the pinout if it is not labeled on the IF-R02 casing?
    • ⤷ What is the difference between a 38kHz and 56kHz IR receiver?
    • ⤷ Can the IF-R02 be used for high-speed data transfer?