전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IM1-12EX-R

  • AI
    The **IM1-12EX-R** is a high-performance **Switching Amplifier** (Isolation Barrier) manufactured by **Turck**. It is designed to interface between intrinsically safe field devices (like sensors or switches located in hazardous areas) and non-hazardous control systems (like a PLC). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Channels** | 1-Channel | | **Operating Voltage** | 20…250 VAC / 20…125 VDC | | **Output Type** | 1 x Relay (Changeover/SPDT) | | **Hazardous Area Rating** | ATEX, IECEx (Intrinsically Safe) | | **Input Signals** | NAMUR sensors or mechanical contacts | | **Mounting** | DIN Rail (35mm) | | **Housing Material** | Polycarbonate/ABS | --- ### 2. Electronic Component Functions The IM1-12EX-R consists of several critical electronic sub-sections that ensure safety and signal integrity: #### A. Galvanic Isolation This is the core "Electronic Part" of the device. It uses transformers and optocouplers to physically separate the input circuit (Ex-area) from the output and power circuits. This prevents high-voltage surges in the safe area from reaching the hazardous atmosphere. #### B. NAMUR Input Stage The input is designed to monitor **NAMUR sensors** (DIN EN 60947-5-6). * **Wire-break detection:** The electronics monitor the current. If it drops below ~0.1mA, a wire-break fault is triggered. * **Short-circuit detection:** If current rises above ~6mA, a short-circuit fault is triggered. #### C. Relay Output (The "R" in the model name) The "R" signifies a **Relay output**. * It acts as a mechanical switch controlled by the input signal. * It provides high-capacity switching compared to transistor outputs, making it compatible with various control voltages. #### D. Configuration Switches (DIP Switches) Located on the front or side, these allow the user to toggle: * **NC/NO Mode:** Reversing the output behavior. * **Fault Monitoring:** Enabling or disabling the wire-break/short-circuit detection. --- ### 3. Connection Diagram Overview | Terminal | Function | | :--- | :--- | | **1 - 2** | Intrinsically Safe Input (Sensor connection) | | **7 - 9** | Relay Output (Common, NC, NO) | | **11 - 12** | Power Supply (L1/N or +/-) | --- ### 4. Application Use Case You would use the **IM1-12EX-R** when you have a proximity sensor inside a fuel tank or gas-heavy environment. The IM1 stays in the safe control cabinet, providing the power to the sensor while ensuring that even if the IM1 fails internally, it cannot send enough energy to the sensor to cause a spark or explosion.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the IM1-12EX-R and the IM1-12EX-T (transistor version)?
    • ⤷ How do I configure the DIP switches for wire-breakage monitoring?
    • ⤷ What is the maximum switching frequency for the relay output on this model?