전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IM1-231EX-R

  • AI
    The **IM1-231EX-R** is a high-performance **Isolation Amplifier (Switching Amplifier)** manufactured by **Turck**. It is primarily designed for intrinsic safety applications, acting as an interface between sensors in hazardous areas (Ex-zones) and controllers in safe areas. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Turck | | **Number of Channels** | 2-channel (Dual output) | | **Input Type** | NAMUR sensors or dry contacts | | **Output Type** | 2 x Relays (Changeover/SPDT) | | **Supply Voltage** | 20…250 VAC / 20…125 VDC | | **Isolation Voltage** | 2.5 kV | | **Mounting** | DIN Rail (35mm) | | **Protection Class** | IP20 | --- ### 2. Functional Components & Connectivity The device acts as a galvanic isolator, ensuring that high-voltage surges or faults in the power supply do not reach the volatile hazardous environment. #### A. Input Side (Hazardous Area) * **NAMUR Compliance:** Designed to monitor sensors according to EN 60947-5-6. * **Wire-Break Detection:** Can detect if the wire to the sensor is cut or if there is a short circuit (monitored via current levels). #### B. Output Side (Safe Area) * **Relay Logic:** Two independent relay outputs. These can be configured for "Light" or "Dark" switching (normally open or normally closed logic). * **Switching Frequency:** Limited by the mechanical nature of the relays (typically ≤ 10 Hz). #### C. Control Switches (Front Panel) The device features DIP switches on the front to configure: 1. **Output Mode:** To select between signal inversion or non-inversion. 2. **Monitoring:** To enable or disable line fault monitoring (LFD). --- ### 3. Safety and Certifications The "EX" in the part number signifies its role in explosive atmospheres. * **ATEX/IECEx:** Approved for connection to sensors located in Zones 0, 1, 2, 20, 21, and 22. * **SIL Rating:** Typically rated for **SIL2** applications according to IEC 61508, making it suitable for functional safety loops. --- ### 4. Circuit Diagram Block (Simplified) ```mermaid graph LR subgraph Hazardous_Area S[NAMUR Sensor] end subgraph IM1-231EX-R I[Input Stage] --> ISOL[Galvanic Isolation] ISOL --> LOGIC[Logic/DIP Switches] LOGIC --> R[Relay Output] end subgraph Safe_Area PLC[PLC / Controller] R --> PLC end ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the IM1-231EX-R and the IM1-22EX-R model?
    • ⤷ How do you configure the DIP switches for wire-breakage monitoring?
    • ⤷ What are the maximum voltage and current limits for the relay contacts?