전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IM1-451EX-R

  • AI
    The **IM1-451EX-R** is a specific model of an **isolating switching amplifier** manufactured by **Turck**. These devices are primarily used in industrial automation to interface between field devices located in hazardous areas (Ex-areas) and control systems (PLCs) located in safe areas. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the IM1-451EX-R: | Feature | Specification | | :--- | :--- | | **Input Channels** | 1-Channel | | **Input Type** | NAMUR Sensors or Mechanical Contacts | | **Supply Voltage** | 20...250 VAC / 20...125 VDC | | **Output Type** | 2 x Relay Outputs (NO/NC configurable) | | **Isolation** | Galvanic isolation between input, output, and power supply | | **Protection Class** | IP20 | | **Mounting** | DIN Rail (35mm) | --- ### 2. Functional Electronic Components The device acts as a bridge with three main electronic stages: #### A. Input Stage (Intrinsically Safe) * **NAMUR Interface:** It provides a constant voltage to the field sensor. It monitors the current consumption to distinguish between "on," "off," "wire-break," and "short-circuit." * **Ex-Rating:** Designed with energy-limiting components (resistors, Zener diodes) to ensure that even in a fault condition, the spark energy is insufficient to ignite an explosive atmosphere. #### B. Processing & Configuration * **Galvanic Isolation:** Uses optocouplers or transformers to ensure there is no direct electrical path between the high-voltage supply/output and the sensitive hazardous area inputs. * **DIP Switches:** Located on the front or side, these allow the user to: * Set the output mode (Normally Open vs. Normally Closed). * Enable or disable **Line Monitoring** (detecting if the wire to the sensor is cut). #### C. Output Stage (Relays) * **Relay Contacts:** The "R" in the part number signifies a **Relay output**. * **Switching Capacity:** Usually rated for up to 250V / 2A, allowing it to drive larger actuators or signal PLC digital inputs directly. --- ### 3. Application Use Case This part is typically used in chemical plants or refineries. For example: 1. A **NAMUR proximity sensor** detects a valve position in a zone with explosive gases. 2. The **IM1-451EX-R** receives the low-energy signal. 3. The device **isolates** the signal to prevent power surges from traveling back to the explosive zone. 4. The **relay closes**, sending a 24V or 110V signal to the PLC in the control room. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NAMUR sensors and standard 3-wire sensors in this context?
    • ⤷ How do I configure the DIP switches for wire-breakage monitoring on this model?
    • ⤷ Can this device be used in SIL 2 safety-related applications?