전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IMB540-ADL-R680ESP

  • AI
    The **IMB540** is an industrial-grade ATX motherboard designed by Axiomtek, powered by the Intel® R680E chipset (ADL-R680E). It is engineered for high-performance computing, particularly in AI, machine learning, and industrial automation. Below is a detailed breakdown of its electronic specifications and components: ### 1. Processor and Chipset Architecture The board is built on the LGA1700 socket, supporting 12th generation Intel® Core™ (Alder Lake-S) processors. | Component | Specification | | :--- | :--- | | **CPU Socket** | LGA1700 (Supports Core i9/i7/i5/i3, Pentium, Celeron) | | **Chipset** | Intel® R680E (Enterprise/Industrial grade) | | **TDP Support** | Supports processors up to 125W | --- ### 2. Memory and Storage Interface The electronic design emphasizes high bandwidth and data redundancy (ECC support). | Feature | Description | | :--- | :--- | | **Memory Slots** | 4 x 288-pin DDR4-3200 DIMM | | **Max Capacity** | Up to 128GB | | **ECC Support** | Yes (Available with specific CPU/RAM combinations) | | **SATA Ports** | 4 x SATA-600 with RAID 0/1/5/10 support | | **M.2 Storage** | 1 x M.2 Key M (PCIe Gen4 x4) for NVMe SSDs | --- ### 3. Expansion Slots and Signal Routing The "R680E" variant is notable for its extensive PCIe lane distribution, critical for GPU and FPGA integration. * **PCIe 5.0 Support:** Includes 2 x PCIe x16 slots (supporting Gen5 signals). * **Legacy Support:** Includes 1 x PCIe x4 slot and 4 x PCIe x1 slots (Gen3). * **M.2 Expansion:** 1 x M.2 Key E (for Wi-Fi/BT) and 1 x M.2 Key B (for 3G/4G/5G). --- ### 4. Input/Output (I/O) Connectivity The rear and internal headers provide industrial-standard communication protocols. #### Networking and USB * **LAN:** 1 x 2.5GbE (Intel® I225-LM) and 1 x 1GbE (Intel® I219-LM) with vPro support. * **USB:** 4 x USB 3.2 Gen2 (Rear), 4 x USB 3.2 Gen1 (Internal), and 5 x USB 2.0. #### Display and Audio * **Triple Display:** 1 x HDMI 2.0b, 1 x DisplayPort 1.4a, and 1 x VGA. * **Audio:** Realtek ALC888S High Definition Audio. --- ### 5. Power and Environmental Specs Designed for 24/7 operation in harsh environments. | Parameter | Value | | :--- | :--- | | **Power Input** | Standard ATX (24-pin + 8-pin 12V connectors) | | **Operating Temp** | 0°C to +60°C (+32°F to +140°F) | | **Hardware Monitoring** | CPU/System temperature, voltage, and fan speed | | **Watchdog Timer** | 255 levels, 1 to 255 sec. | --- ### Summary of Keys Features * **Intel® vPro™ Technology:** Hardware-level management and security. * **TPM 2.0:** Integrated for hardware-based data encryption. * **Rich Expandability:** Ideal for multi-GPU setups in AI edge servers.
    ✨ Follow-up Questions
    • ⤷ Does the IMB540 support DDR5 memory
    • ⤷ or is it limited to DDR4?
    • ⤷ Can the PCIe 5.0 slots be bifurcated for multiple expansion cards?
    • ⤷ What are the specific power requirements for a 125W TDP processor on this board?