전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IP-R6007

  • AI
    The **IP-R6007** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific **Resistor Network/Power Module** depending on the manufacturer (most commonly associated with high-current power management applications). Below is a breakdown of its electronic characteristics and technical composition. --- ## 1. Core Technical Specifications These parts are engineered for high-density power applications. While specific values vary by manufacturer (e.g., IHLP or Coilcraft equivalents), the general profile for the 6007 series includes: | Parameter | Typical Value Range | | :--- | :--- | | **Inductance Range** | 0.10 µH to 22 µH | | **Current Rating (I-dc)** | 10A to 50A | | **DCR (DC Resistance)** | 0.5 mΩ to 15 mΩ | | **Operating Temperature** | -55°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Internal Electronic Structure The IP-R6007 is usually constructed using a **Composite Molded Structure**. This involves several key electronic layers: 1. **Magnetic Core:** Typically a powdered iron or alloy core. This provides high saturation current characteristics, preventing the part from failing during sudden power spikes. 2. **Copper Wire Coil:** A flat-wire or round-wire winding that minimizes DC resistance (DCR), which in turn reduces heat dissipation and improves efficiency. 3. **Shielding:** The molded body acts as a natural magnetic shield, reducing Electromagnetic Interference (EMI) which could affect nearby sensitive components. --- ## 3. Key Electronic Functions In a circuit, the IP-R6007 performs three primary roles: ### A. Voltage Regulation (Buck/Boost) It acts as the energy storage element in DC-DC converters. It stores energy in its magnetic field when the switch is closed and releases it when the switch is open. ### B. Noise Filtering It serves as a low-pass filter, blocking high-frequency AC noise while allowing steady DC current to pass through. This is critical for protecting Microprocessors and FPGAs. ### C. Transient Suppression Due to its inductance, it resists sudden changes in current, protecting downstream components from "inrush" current that could cause damage. --- ## 4. Typical Application Circuits The IP-R6007 is commonly found in the following electronic environments: * **GPU/CPU Power Phases:** Multi-phase VRMs (Voltage Regulator Modules). * **Server Power Supplies:** High-efficiency point-of-load (POL) converters. * **Automotive Electronics:** Infotainment systems and ADAS sensors. * **Battery Powered Devices:** Where high current is required in a small physical footprint. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard footprint size for the R6007 series?
    • ⤷ How does the DCR of the IP-R6007 affect its thermal performance?
    • ⤷ Can the IP-R6007 be used in high-frequency switching power supplies above 1MHz?