전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IP-R6107

  • AI
    The **IP-R6107** is a high-performance, integrated synchronous buck (step-down) DC-DC converter power management chip, commonly used in automotive electronics, industrial equipment, and high-power consumer electronics. --- ### ## 1. Key Specifications The electronic architecture of the IP-R6107 is designed to handle high input voltages while maintaining high efficiency. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 8V to 100V | | **Output Current** | Up to 10A (Depending on thermal management) | | **Switching Frequency** | Adjustable (Standard 100kHz - 500kHz) | | **Conversion Efficiency** | Up to 96% | | **Package Type** | QFN-20 or similar high-thermal efficiency package | --- ### ## 2. Core Electronic Components & Architecture The IP-R6107 integrates several critical sub-systems within its silicon: * **Integrated High-Side/Low-Side MOSFETs:** Unlike older controllers that require external transistors, this chip integrates low-resistance power MOSFETs to reduce PCB footprint and minimize EMI. * **PWM Controller:** A Pulse Width Modulation engine regulates the output voltage by comparing a feedback signal against an internal reference. * **Synchronous Rectification Logic:** Instead of using a standard diode, it uses an internal MOSFET for rectification, significantly reducing power loss (heat) during high-current operation. * **Internal LDO:** An internal Linear Regulator provides the necessary gate drive voltage (usually 5V) from the high-voltage input. --- ### ## 3. Protection Circuits To ensure the safety of the connected electronics, the IP-R6107 includes several hardware-level protection layers: 1. **OTP (Over-Temperature Protection):** Shuts down the IC if the junction temperature exceeds safety limits (typically 150°C). 2. **OCP (Over-Current Protection):** Monitors the current through the MOSFETs to prevent damage during a short circuit. 3. **UVLO (Under-Voltage Lockout):** Prevents the chip from operating if the input voltage is too low to reliably drive the internal gates. 4. **Soft-Start:** Gradually increases the output voltage during power-up to prevent massive inrush current. --- ### ## 4. Typical Application Circuit When designing with the IP-R6107, the following external components are required: ```mermaid graph LR Vin[Input 8-100V] --> C_in[Input Capacitor] C_in --> IP-R6107 IP-R6107 --> L1[Power Inductor] L1 --> C_out[Output Capacitor] C_out --> Vout[Regulated Output] Vout -.-> FB[Feedback Resistor Divider] FB -.-> IP-R6107 ``` * **Inductor:** Stores energy during the "ON" cycle. Usually requires a high-saturation current rating. * **Capacitors:** Low-ESR ceramic or electrolytic capacitors are used for input/output filtering to minimize ripple. * **Feedback Resistors:** A precision resistor divider sets the specific output voltage (e.g., 5V, 12V, or 24V). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum output power the IP-R6107 can handle without external cooling?
    • ⤷ How do you calculate the feedback resistor values for a 12V output?
    • ⤷ What are the primary competitors to the IP-R6107 in industrial power applications?