전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IP-R6202

  • AI
    The **IP-R6202** is typically identified as a specialized **Industrial Dual-Band Wi-Fi 6 Router** or a high-performance wireless communication module used in industrial automation and IoT ecosystems. Below is a detailed breakdown of its core electronic architecture and key components. --- ### 1. Core Processing Unit (CPU) At the heart of the IP-R6202 is a high-performance networking processor. These processors are designed to handle high-throughput data packets without latency. * **Architecture:** Often based on ARM Cortex-A53 or similar multi-core architectures. * **Function:** Manages the Operating System (usually OpenWrt or a proprietary Linux build), handles firewall logic, and manages VPN encryption. ### 2. Wireless Radio Components (RF Front-End) The "R6" in the naming often denotes **Wi-Fi 6 (802.11ax)** capabilities. | Component | Function | | :--- | :--- | | **FEM (Front-End Modules)** | Integrated Power Amplifiers (PA) and Low Noise Amplifiers (LNA) to boost signal range and sensitivity. | | **MU-MIMO Support** | Allows the device to communicate with multiple devices simultaneously using spatial streams. | | **Diplexers** | Electronic filters that separate the 2.4GHz and 5GHz frequencies from a single antenna path. | ### 3. Memory and Storage * **RAM (DDR3/DDR4):** Used for active data routing tables and running background services. High-capacity RAM prevents crashes during heavy traffic. * **Flash Memory (SPI NAND/NOR):** Stores the firmware (OS) and configuration files. ### 4. Physical Interface & Connectivity The IP-R6202 features ruggedized physical connectors to survive industrial environments: * **Ethernet PHYs:** Physical layer transceivers for 10/100/1000 Mbps RJ45 ports. * **Serial Ports (RS232/RS485):** Often included for "Serial-to-Wi-Fi" bridging, allowing old industrial machinery (PLCs) to connect to a modern network. * **SIM Slot (Optional):** Some variants include a Mini-PCIe or M.2 slot for 4G/5G cellular modules. ### 5. Power Management & Protection Industrial parts require much higher durability than consumer electronics: * **Wide Voltage Input:** Typically supports 9V to 36V DC. * **TVS Diodes:** Transient Voltage Suppressors to protect the internal circuits against static (ESD) and power surges. * **Galvanic Isolation:** Often found on the serial ports to prevent electrical noise from damaging the main CPU. --- ### Summary of Technical Specifications | Feature | Description | | :--- | :--- | | **Standard** | IEEE 802.11ax (Wi-Fi 6) | | **Enclosure** | IP30 or IP40 rated metal housing (Heat dissipation) | | **Operating Temp** | -40°C to +75°C (Industrial Grade) | | **Mounting** | DIN-Rail or Wall Mount |
    ✨ Follow-up Questions
    • ⤷ Does the IP-R6202 support PoE (Power over Ethernet) input?
    • ⤷ How do I configure the RS485 port for Modbus communication?
    • ⤷ What is the maximum number of concurrent client connections for this model?