전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IP175ALF-DS-R07

  • AI
    ## IP175ALF-DS-R07 Overview **IP175ALF-DS-R07** appears to be a datasheet reference for an **IP175A** integrated circuit, likely from **IC Plus Corporation**, a Taiwanese semiconductor company that makes Ethernet switch chips. I can't verify the exact details of this revision, so treat the following as a general explanation. --- ### Part Number Breakdown | Segment | Meaning (likely) | |---|---| | **IP175A** | Base device name (IC Plus Ethernet switch controller family) | | **LF** | Lead-free (RoHS-compliant) package | | **DS** | Datasheet document | | **R07** | Revision 07 of the datasheet | --- ### What the IP175A Family Typically Is - **Type:** Ethernet switch controller (layer 2 switching) - **Ports:** Multi-port 10/100 Mbps Fast Ethernet, usually 5 ports in the "A" variant - **Integrated PHYs:** Usually includes internal physical-layer transceivers, so external PHY chips are often unnecessary - **Typical functions:** - MAC address learning and forwarding - VLAN support (port-based and tag-based) - Basic QoS (priority queues) - Flow control (IEEE 802.3x) - Optional CPU/management interface, often via MII/RMII or serial management - **Typical applications:** Home routers, broadband gateways, IP set-top boxes, small office switches, and embedded networking devices --- ### Key Electrical Parts to Check in the Datasheet 1. **Power supply pins:** Core voltage (often 1.8 V or 2.5 V) and I/O voltage (often 3.3 V) 2. **Clock input:** Usually a 25 MHz crystal or oscillator 3. **Media interface pins:** TXP/TXN and RXP/RXN differential pairs for each port 4. **LED outputs:** Link/activity status indicators 5. **Management interface:** MDC/MDIO or SMI for register configuration 6. **Reset pin:** Active-low hardware reset 7. **Package:** Typically a QFP or QFN, so check the pin count and footprint 8. **Absolute maximum ratings and operating conditions:** Temperature range and voltage limits 9. **Application circuit:** Reference schematic for magnetics, termination, and decoupling capacitors --- ### Recommendation To get exact pin names, voltages, package type, and register details, download the official **IP175A datasheet (R07 revision)** from IC Plus Corporation's website or a distributor such as Digi-Key, Mouser, or LCSC. If you can share a page or pin table, I can explain it in more detail. ---
    ✨ Follow-up Questions
    • ⤷What are the pin functions and package type of the IP175A?
    • ⤷ How do I connect the IP175A to a CPU or external controller?
    • ⤷ What are the power and clock requirements for the IP175ALF?