전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IPPC-6152F-R0AE

  • AI
    The **Advantech IPPC-6152F-R0AE** is an industrial-grade Panel PC designed for harsh environments. It integrates a high-performance computing core with a ruggedized touchscreen display. ### 1. Core Computing Architecture The internal electronic architecture is built around the Intel Core i platform, providing significant processing power for SCADA and HMI applications. | Component | Specification | | :--- | :--- | | **CPU Support** | Intel® Core™ i7/i5/i3 Celeron Desktop Processors (LGA1150) | | **Chipset** | Intel H81 | | **Memory Slots** | 2 x 204-pin DDR3L 1333/1600MHz SO-DIMM | | **Max Memory** | Up to 16GB | | **BIOS** | AMI 64Mbit Flash BIOS | --- ### 2. Display and Touch Interface The front panel consists of an industrial LCD paired with a high-durability resistive touch layer. * **LCD Panel:** 15" XGA TFT LCD with a resolution of 1024 x 768. * **Backlight:** LED-based with a lifespan of approximately 50,000 hours. * **Touch Controller:** 5-wire resistive sensor, designed to be operated with gloves or styluses in industrial settings. * **Luminance:** 400 cd/m², providing high visibility in indoor industrial lighting. --- ### 3. I/O Connectivity and Expansion The mainboard provides a variety of interfaces for PLCs, sensors, and networking. | Port Type | Quantity / Details | | :--- | :--- | | **Ethernet** | 2 x Gigabit LAN (Intel I211-AT & I217-LM) | | **USB Ports** | 2 x USB 3.0, 2 x USB 2.0 | | **Serial Ports** | 1 x RS-232, 1 x RS-232/422/485 | | **Video Output** | 1 x VGA (for dual display support) | | **Expansion Slots** | 1 x PCIe x4 slot or 1 x PCI slot (via riser card) | --- ### 4. Power and Environmental Specs The electronic design emphasizes stability against power fluctuations and thermal stress. * **Power Input:** 100 ~ 240 $V_{AC}$ (Built-in power supply). * **Power Consumption:** Typically around 60W (depending on CPU). * **Cooling System:** Fanless design options exist for lower TDP chips, but high-performance configurations use optimized thermal modules. * **Protection:** NEMA4/IP65 compliant front panel to protect electronics from water and dust. --- ### 5. Storage Electronics * **SATA Interface:** Supports 2.5" SATA HDD/SSD. * **CFast:** Includes a CFast slot for solid-state OS booting, which is more resistant to vibration than traditional spinning disks.
    ✨ Follow-up Questions
    • ⤷What are the compatible CPU models for the LGA1150 socket in this unit?
    • ⤷ Does this model support Windows 10 or 11 drivers?
    • ⤷ How do I access the PCIe expansion slot for hardware upgrades?