전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IQL48060A033V-009-R

  • AI
    The **IQL48060A033V-009-R** is a high-performance, isolated DC-DC converter module belonging to the **IQL Series** manufactured by TDK-Lambda (specifically under the TDK-Lambda Americas Inc. brand). This part is designed for industrial, telecommunications, and data processing applications that require high efficiency in a compact footprint. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 36V to 75V DC | Standard 48V nominal telecom range | | **Output Voltage** | 3.3V DC | Regulated low-voltage output | | **Output Current** | 60A | High current capability | | **Output Power** | 198W | Total power delivery | | **Form Factor** | Quarter Brick | Standard industry footprint | | **Efficiency** | ~90% - 92% | High efficiency reduces heat dissipation | | **Isolation** | 1500V - 2250V DC | Input-to-output galvanic isolation | --- ### 2. Functional Electronic Components While the internal circuitry is proprietary, a module of this class typically integrates the following electronic sections: #### A. Power Stage * **MOSFETs:** High-speed switching transistors (likely using Synchronous Rectification) to minimize conduction losses at 60A. * **Planar Transformer:** A low-profile magnetic component used for voltage step-down and galvanic isolation. * **Inductors/Capacitors:** High-quality LC filtering stages to ensure low output ripple and noise. #### B. Control & Protection * **PWM Controller:** Manages the duty cycle of the switching MOSFETs to maintain a steady 3.3V output regardless of load changes. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Limits current to prevent damage during shorts. * **OVP (Over-Voltage Protection):** Clamps output if internal regulation fails. * **OTP (Over-Temperature Protection):** Shuts down the unit if thermal limits are exceeded. #### C. Interface Pins The "009-R" suffix typically denotes specific pin lengths and logic configurations: * **Remote On/Off:** Allows the system to enable or disable the converter via a logic signal. * **Remote Sense:** Compensates for voltage drops across PCB traces between the converter and the load. * **Trim Pin:** Allows the user to adjust the output voltage slightly (e.g., +/- 10%) using an external resistor. --- ### 3. Physical & Environmental Attributes * **RoHS Compliant:** The "-R" suffix indicates compliance with environmental regulations regarding hazardous substances. * **Thermal Management:** Designed for open-frame conduction or airflow cooling. Baseplates are often optional for enhanced heat sinking. * **Through-Hole Mounting:** Standard pins for secure soldering onto a PCB. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between positive and negative remote ON/OFF logic for this series?
    • ⤷ How do I calculate the external resistor value for the Trim pin?
    • ⤷ What are the recommended heat sinking methods for a 60A output load?