전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRF3205VPBF

  • AI
    ## Overview of IRF3205VPBF The **IRF3205VPBF** is a high-current N-Channel Power MOSFET designed for applications that require high power density and efficient switching. It is a variant of the classic IRF3205, often featuring lead-free (PBF) construction and specific package enhancements. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the IRF3205VPBF: | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-to-Source Voltage ($V_{DSS}$)** | 55V | Maximum voltage across drain and source. | | **Continuous Drain Current ($I_D$)** | 110A | Maximum current at $T_C = 25^\circ C$. | | **Static Drain-to-Source On-Resistance ($R_{DS(on)}$)** | 8.0 m$\Omega$ | Resistance when the gate is fully turned on. | | **Gate Threshold Voltage ($V_{GS(th)}$)** | 2.0V to 4.0V | Voltage required to begin conduction. | | **Total Gate Charge ($Q_g$)** | 146 nC | Total charge required to switch the MOSFET. | | **Power Dissipation ($P_D$)** | 200W | Maximum power the device can dissipate. | | **Operating Temperature** | -55 to +175°C | Thermal operating range. | --- ### 2. Physical and Structural Parts The "VPBF" suffix typically refers to the packaging and material standards: * **V-Series/Variant:** Often denotes a variation in the lead frame or lead forming, usually optimized for specific mounting or enhanced thermal performance in the **TO-220** package. * **PBF (Lead-Free):** Indicates that the part complies with RoHS standards (Lead-Free). * **Gate Oxide:** A thin layer of silicon dioxide that insulates the gate from the channel, allowing for voltage-controlled switching. * **Internal Source-Drain Diode:** Features a fast-recovery body diode, useful for inductive load switching (clamping). --- ### 3. Application Use Cases Due to its low $R_{DS(on)}$ and high current capacity, this MOSFET is commonly used in: 1. **DC Motor Control:** H-Bridge circuits for robots or electric vehicles. 2. **Inverters:** Converting DC battery power to AC. 3. **SMPS (Switching Mode Power Supplies):** High-efficiency power conversion. 4. **Battery Management Systems (BMS):** Used as a high-current disconnect switch. --- ### 4. Circuit Implementation Example When using the IRF3205VPBF, a gate resistor is recommended to prevent oscillations and manage switching speed. ```cpp // Schematic Logic Representation // [Gate] ----[ 10-100 Ohm Resistor ]---- [MCU/Driver Pin] // [Drain] ---[ Load ]--- [Positive Supply] // [Source] --[ GND ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum gate-to-source voltage (Vgs) for this MOSFET?
    • ⤷ How does the RDS(on) change with temperature in the IRF3205 series?
    • ⤷ What are the recommended heat sink requirements for driving 50A continuous current?