전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRFP150VPBF

  • AI
    The **IRFP150VPBF** is a high-power N-Channel Enhancement Mode Power MOSFET. It is widely used in power electronics due to its ability to handle high current and high voltage while maintaining low on-resistance. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the IRFP150VPBF: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | 100 V | | **Continuous Drain Current** | $I_D$ | 42 A (at 25°C) | | **Static Drain-to-Source On-Resistance** | $R_{DS(on)}$ | 0.028 Ω (max) | | **Total Gate Charge** | $Q_g$ | 110 nC | | **Power Dissipation** | $P_D$ | 160 W | | **Operating Temperature** | $T_J$ | -55 to +175 °C | | **Package Type** | TO-247AC | Through-hole | --- ### 2. Physical Structure and Pinout The IRFP150VPBF is housed in a **TO-247** package, which is designed for easy mounting to heat sinks to manage thermal dissipation. 1. **Gate (G):** Controls the switching state of the MOSFET. 2. **Drain (D):** The terminal where current enters (connected to the load). 3. **Source (S):** The terminal where current exits (connected to ground/negative). --- ### 3. Key Features * **Low $R_{DS(on)}$:** The low resistance during conduction reduces power loss as heat, increasing efficiency. * **High dV/dt Ruggedness:** It can withstand rapid changes in voltage across the device without failing. * **Repetitive Avalanche Rated:** The device can handle brief voltage spikes beyond its rating without immediate damage (within specific energy limits). * **Lead-Free (PBF):** The "PBF" suffix indicates that the part is RoHS compliant and lead-free. --- ### 4. Common Applications Due to its robust power handling, the IRFP150VPBF is commonly found in: * **DC/DC Converters:** High-frequency switching for power supplies. * **Motor Controllers:** Speed and torque control for DC motors. * **Uninterruptible Power Supplies (UPS):** Managing high-current battery discharge. * **Audio Amplifiers:** Used in the output stages of high-power Class D amplifiers. * **Solar Inverters:** Converting DC power from panels to AC power. --- ### 5. Simple Switching Logic To use this N-channel MOSFET as a switch, the following logic is applied: | Gate Voltage ($V_{GS}$) | State | Channel Behavior | | :--- | :--- | :--- | | **0V to 4V** | OFF | The channel is closed; no current flows. | | **10V (Typical)** | ON | The channel is fully open; current flows freely. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between IRFP150 and IRFP150VPBF?
    • ⤷ How do I calculate the heat sink requirements for this MOSFET?
    • ⤷ What are the recommended gate driver circuits for high-speed switching with this part?