전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRFP9240PBF..

  • AI
    The **IRFP9240PBF** is a high-power, P-channel enhancement mode MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). It is widely recognized in the electronics industry for its reliability in high-voltage switching and linear applications, particularly in high-fidelity audio amplifiers. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the IRFP9240PBF: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | -200 V | | **Continuous Drain Current** | $I_D$ | -12 A (at 25°C) | | **Static Drain-to-Source On-Resistance** | $R_{DS(on)}$ | 0.50 $\Omega$ | | **Total Gate Charge** | $Q_g$ | 44 nC | | **Power Dissipation** | $P_D$ | 150 W | | **Operating Temperature** | $T_j$ | -55 to +150 °C | | **Package Type** | TO-247AC | Through-Hole | --- ### 2. Functional Characteristics * **P-Channel Logic:** Unlike N-channel MOSFETs, the P-channel device requires a negative gate-to-source voltage ($V_{GS}$) to turn on. This makes it ideal for "high-side" switching applications. * **Dynamic dv/dt Rating:** It is designed to handle rapid voltage changes without failure, increasing circuit ruggedness. * **Ease of Paralleling:** Because of its positive temperature coefficient of resistance, it can be easily connected in parallel with other MOSFETs to handle higher currents without thermal runaway. * **Lead-Free (PbF):** The "PBF" suffix indicates that the part is lead-free and compliant with RoHS environmental standards. --- ### 3. Common Applications The IRFP9240PBF is a versatile component found in several specific types of circuitry: 1. **Audio Power Amplifiers:** It is most famous for its use in the output stage of Class AB or Class D amplifiers, often paired with the **IRFP240** (its N-channel complementary pair). 2. **DC-to-DC Converters:** Used in switching power supplies where high voltage and medium current handling are required. 3. **Motor Control:** Utilized in H-bridge configurations to control the direction and speed of DC motors. 4. **Solenoid and Relay Drivers:** Its high voltage rating allows it to safely drive inductive loads that produce back-EMF. --- ### 4. Typical Pinout Configuration When looking at the front (labeled side) of the **TO-247** package with leads pointing down: * **Pin 1 (Left):** Gate (Control signal) * **Pin 2 (Middle):** Drain (Connected to the metal tab/heatsink) * **Pin 3 (Right):** Source (Power supply input) --- ### 5. Design Example (Basic Switch) ```cpp // Schematic Logic for P-Channel Switching: // 1. Source (S) connected to +Vcc (e.g., +50V) // 2. Load connected between Drain (D) and Ground // 3. To turn ON: Apply a voltage to the Gate (G) that is lower than Source voltage. // 4. To turn OFF: Bring Gate (G) voltage equal to Source voltage. ```
    ✨ Follow-up Questions
    • ⤷ What is the complementary N-channel MOSFET for the IRFP9240PBF?
    • ⤷ Why is the TO-247 package preferred over TO-220 for this specific MOSFET?
    • ⤷ How do you calculate the required heatsink size for a 150W power dissipation?