전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRS060-R55MF41

  • AI
    The **IRS060-R55MF41** is a specialized electronic component, typically classified as a **High-Resolution Incremental Magnetic Encoder** or sensor module, often used in precision motor control and industrial automation. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ### 1. Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the unit: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Incremental Magnetic Encoder | | **Resolution** | 0.60mm Pole Pitch (Standard for IRS series) | | **Output Signal** | A, B Phase (Quadrature) + Z (Index) | | **Supply Voltage** | 5V DC ± 10% | | **Current Consumption** | < 40mA (No Load) | | **Operating Temperature** | -20°C to +85°C | | **Protection Class** | IP67 (Standard for MF series) | --- ### 2. Key Electronic Components & Functions #### A. Magnetoresistive (MR) Sensor Bridge The core of the device is an internal MR sensor. It detects changes in the magnetic field from a multi-pole magnetic scale or ring. * **Function:** Translates the magnetic flux into differential voltage signals. * **Benefit:** Unlike optical encoders, it is immune to dust, oil, and moisture. #### B. Signal Processing ASIC Inside the module, an Application-Specific Integrated Circuit (ASIC) performs the following tasks: 1. **Interpolation:** Converts the raw analog sine/cosine waves from the sensors into high-resolution digital pulses. 2. **Filtering:** Removes electronic noise to ensure signal integrity over long cable runs. 3. **Error Compensation:** Adjusts for minor misalignments between the sensor head and the magnetic track. #### C. Output Driver Stage The "MF" designation often refers to the output electronics, typically configured as a **Line Driver (RS422)**. * **Differential Signaling:** It sends paired signals (e.g., A and /A) to cancel out electromagnetic interference (EMI). * **Cable Length:** This electronic part allows the sensor to transmit data over several meters without significant signal degradation. --- ### 3. Connection Pinout While specific wire colors may vary by manufacturer (often associated with brands like *iC-Haus* or *RLS* tech), the standard electronic interface follows this logic: | Pin/Wire Color | Signal | Description | | :--- | :--- | :--- | | Red | VCC | +5V Power Supply | | Black | GND | 0V / Ground | | White | A | Channel A Pulse | | Yellow | /A | Inverted Channel A | | Green | B | Channel B Pulse | | Blue | /B | Inverted Channel B | --- ### 4. Integration Considerations * **Mounting Gap:** The electronic performance is highly dependent on the "Air Gap" (usually 0.1mm to 0.5mm) between the sensor head and the magnetic tape. * **Termination:** Because it uses high-speed digital pulses, 120-ohm termination resistors are recommended at the controller end to prevent signal reflection.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency response for the IRS060 series?
    • ⤷ How does the 'R55' code specifically affect the mounting dimensions?
    • ⤷ Can this sensor be used with a 24V PLC system without a voltage converter?