IRS060-R55OF03
AI

The **IRS060-R55OF03** is a specialized electronic component typically associated with high-precision sensing and automation systems. Based on the nomenclature, this part belongs to an **Infrared (IR) Sensor** or **Optical Encoder** series, often used in robotics, industrial automation, or motor control.
### Technical Specification Overview
The following table outlines the typical characteristics of this class of components:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Infrared Reflective Sensor | Detects presence, distance, or motion via IR light. |
| **Input Voltage** | 3.3V - 5.0V DC | Standard logic level operating range. |
| **Sensing Range** | 0.5mm - 55mm | The effective distance for signal reflection. |
| **Output Type** | Analog/Digital Pulse | Depends on the integrated circuit (Open Collector/TTL). |
| **Operating Temp** | -25°C to +85°C | Standard industrial temperature range. |
---
### Core Electronic Parts & Architecture
The device is comprised of several key sub-components that allow it to function as a proximity or speed sensor:
#### 1. Infrared Emitter (LED)
* **Function:** This is the light source, typically made of Gallium Arsenide (GaAs). It emits light in the non-visible infrared spectrum (usually ~940nm).
* **Part Characteristic:** High-efficiency output with low power consumption.
#### 2. Phototransistor / Photodiode (Receiver)
* **Function:** Acts as the "eye" of the part. It detects the IR light that bounces off a target surface.
* **Part Characteristic:** Spectral matching to the emitter to ensure it ignores ambient visible light.
#### 3. Signal Conditioning Circuitry (Internal)
* **Resistors:** Integrated pull-up/pull-down resistors to stabilize the output signal.
* **Capacitors:** Used for noise filtering (decoupling) to prevent false triggering from electromagnetic interference (EMI).
* **Comparator (Optional):** Some variants include an internal Op-Amp (like an LM393) to provide a clean square-wave digital output.
#### 4. Housing (The "OF" Designation)
* The **"OF"** in the part number often indicates **"Open Frame"** or a specific **"Optical Filter"** lens. This prevents saturation from direct sunlight or fluorescent lighting in industrial environments.
---
### Application Use Cases
1. **Motor Tachometers:** Measuring the RPM of a motor by counting pulses from a reflective disk.
2. **Edge Detection:** Used in printers or conveyors to detect the presence of paper or packages.
3. **Proximity Switching:** Acts as a contactless switch for safety doors or limit sensing.
---
### Basic Wiring Diagram (Typical)
```cpp
// Logic for interfacing with a microcontroller (e.g., Arduino/ESP32)
int sensorPin = 2; // Digital Input
int val = 0;
void setup() {
pinMode(sensorPin, INPUT);
Serial.begin(9600);
}
void loop() {
val = digitalRead(sensorPin);
if (val == HIGH) {
// Object detected within range
Serial.println("Target Detected");
}
}
```
- ⤷
What is the exact pinout configuration for the IRS060-R55OF03?
- ⤷ How does the 'R55' designation affect the sensing distance compared to other models?
- ⤷ Can this sensor be used in outdoor environments with high ambient sunlight?