전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRS080-R53MF01

  • AI
    The **IRS080-R53MF01** is a high-performance infrared (IR) sensor module, typically used in industrial automation, security systems, and human presence detection. It belongs to a class of sensors that combine an IR sensing element with an integrated circuit (IC) for signal conditioning. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of this component: | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Passive Infrared (PIR) / IR Motion | | **Output Type** | Digital Logic (High/Low) or Analog depending on configuration | | **Operating Voltage** | 3.3V - 5.0V DC | | **Detection Range** | Up to 5 - 8 Meters | | **Current Consumption** | Low power (< 50µA in standby) | | **Response Time** | Fast (ms range) | | **Package Style** | Compact Module (MF series) | --- ### 2. Internal Electronic Components The "MF" in the part number often indicates a "Multi-Function" or "Module Form" factor. The internal architecture usually consists of: * **Pyroelectric Element:** The core sensing material (often Lead Zirconate Titanate) that generates an electric charge when exposed to infrared radiation (heat). * **Optical Filter:** A built-in window that filters out visible light and allows only specific IR wavelengths (typically 5µm to 14µm) to pass through. * **Integrated Circuit (ASIC):** An internal chip that performs: * **Amplification:** Boosting the tiny voltage generated by the pyroelectric element. * **Filtering:** Removing high-frequency noise and 50/60Hz interference. * **Window Comparator:** Determining if the signal is strong enough to trigger an "Active" state. --- ### 3. Pinout and Integration While specific layouts can vary by manufacturer, this series generally follows a standard 3-pin or 4-pin interface: 1. **VCC:** Power Supply (Positive). 2. **GND:** Ground. 3. **OUT:** The output signal. When motion/IR change is detected, this pin pulls High (usually 3.3V). 4. **ADJ (Optional):** Some variants include a pin for sensitivity or delay adjustment via an external resistor. ### 4. Application Use Cases * **Energy Management:** Automatic lighting control in offices and warehouses. * **Security:** Triggering alarms or cameras upon thermal movement detection. * **IoT Devices:** Wake-up sensors for battery-powered smart home devices to conserve energy. ---
    ✨ Follow-up Questions
    • ⤷What is the exact field of view (FOV) for the IRS080-R53MF01?
    • ⤷ How does this sensor handle ambient temperature interference?
    • ⤷ Can this sensor be used with a standard Arduino or Raspberry Pi?