전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRS080-R53MF32

  • AI
    The **IRS080-R53MF32** is a specialized high-performance cooling fan component, typically part of an **Innocore / Advantech** thermal management solution for industrial computing systems. It is often utilized in high-density server environments or embedded systems requiring high static pressure. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | DC Axial Fan / Blower | | **Operating Voltage** | 12V DC (Standard) | | **Dimensions** | 80mm x 80mm x 32mm | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Control Interface** | 4-Wire (Power, Ground, Tachometer, PWM) | | **Application** | Industrial PC (IPC), Gaming Logic Boxes, Servers | --- ### Electronic Sub-components & Features The "IRS080-R53MF32" functions through several key electronic subsystems: #### 1. Integrated Circuit (IC) Driver The internal PCB contains a **Brushless DC (BLDC) Controller**. This IC manages the commutation of the motor phases without physical brushes, reducing electronic noise and mechanical wear. #### 2. PWM (Pulse Width Modulation) Control The **"R53"** designation often refers to the specific speed curve profile. * **Speed Regulation:** The 4th wire allows the system BIOS or controller to adjust RPM based on temperature. * **Efficiency:** PWM control allows the fan to run at low speeds during idle times, saving power and reducing acoustic noise. #### 3. Tachometer (Frequency Generator) The 3rd wire outputs a square wave signal. The frequency of this signal is proportional to the fan speed, allowing the motherboard to monitor if the fan has stalled or slowed down (Fail-safe mechanism). #### 4. Motor Construction * **Stator:** Fixed copper windings that create an electromagnetic field. * **Rotor:** Permanent magnets attached to the fan blades. * **Protection:** Most industrial fans of this grade include **Auto-restart** protection (prevents coil burnout if the blades are obstructed) and **Reverse Polarity** protection. --- ### Pinout Configuration (Standard 4-Wire) | Pin Number | Wire Color (Typical) | Function | Description | | :--- | :--- | :--- | :--- | | 1 | Black | GND | Ground | | 2 | Red | VCC | +12V Power | | 3 | Yellow | TACH | Speed Sensor Signal | | 4 | Blue | PWM | Speed Control Input | --- ### Key Applications Due to the **32mm thickness** (deeper than the standard 25mm consumer fans), this part is engineered for: * **High Static Pressure:** Pushing air through dense heatsinks or tightly packed electronic components. * **24/7 Operation:** Used in industrial logic controllers (like the Advantech DPX series) where downtime is not an option.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM and CFM rating for the IRS080 series?
    • ⤷ How do I troubleshoot a 4-wire PWM fan that is spinning at full speed only?
    • ⤷ What are the compatible mounting brackets for an 80x80x32mm industrial fan?