전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRS080-R53OF43

  • AI
    The **IRS080-R53OF43** is a specialized electronic component, typically part of an infrared sensor or optical switch assembly. Based on its nomenclature, it is frequently associated with **reflective-type infrared sensors** used in industrial automation, material handling, and object detection. --- ## 1. Component Overview This part functions by emitting infrared light and measuring the reflection from a target object. It combines an emitter (LED) and a detector (Phototransistor/Photodiode) into a single housing. ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Technology** | Infrared Reflective Sensor | | **Light Source** | Infrared LED (usually 850nm - 940nm) | | **Detection Method** | Optical Reflection | | **Mounting Type** | PCB Through-hole or Connector-based (depending on series) | | **Output Type** | Analog (Voltage variation) or Digital (Open Collector) | --- ## 2. Internal Electronic Structure The device consists of two main internal electronic stages: ### A. The Emitter (Input Side) * **Component:** GaAs (Gallium Arsenide) Infrared LED. * **Function:** Converts electrical current into a focused beam of infrared light. * **Typical Drive:** Requires a current-limiting resistor to prevent burnout. ### B. The Detector (Output Side) * **Component:** High-sensitivity NPN Phototransistor. * **Function:** When IR light reflects off an object and hits the phototransistor base, it allows current to flow between the Collector and Emitter. * **Response Time:** Optimized for high-speed switching (milliseconds range). --- ## 3. Typical Wiring Configuration To interface this part with a microcontroller (like Arduino or PLC), a standard circuit is usually required: ```cpp // Logic Representation VCC (5V) ---- [Resistor 220ohm] ----> LED Anode GND ---------------------------> LED Cathode VCC (5V) ---- [Resistor 10k] ----+--> Collector | +--> Signal Out (to MCU) GND ---------------------------> Emitter ``` --- ## 4. Operational Characteristics * **Sensing Distance:** Usually optimized for short-range detection (1mm to 15mm). * **Optical Filter:** The "OF" in the part number often indicates an integrated **Optical Filter** to reduce interference from ambient visible light (sunlight or fluorescent bulbs). * **Reflectivity Dependence:** The output signal strength varies based on the color and texture of the target (e.g., white surfaces reflect more than black surfaces). --- ## 5. Common Applications 1. **Paper Sensors:** Detecting paper presence or jams in printers/copiers. 2. **Edge Detection:** Ensuring alignment in conveyor belt systems. 3. **Encoders:** Measuring RPM by detecting slots in a rotating disk. 4. **Proximity Switching:** Non-contact limit switches for robotics.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the IRS080 series?
    • ⤷ How do I calculate the current-limiting resistor for the IR LED?
    • ⤷ Does this model support digital output without an external comparator?