전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRS080-R55OF12

  • AI
    The **IRS080-R55OF12** is typically categorized as an industrial-grade **Infrared (IR) Sensor Module** or a specific **Optical Proximity Switch**. These components are widely used in automated systems, such as smart sanitary ware (automatic faucets/flushers) or industrial object detection. Below is a breakdown of the electronic parts and technical specifications associated with this type of module. --- ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Detection Type** | Diffuse Reflective Infrared | | **Operating Voltage** | 5V - 12V DC | | **Detection Distance** | 80cm (Adjustable in some variants) | | **Output Type** | NPN / PNP or Pulse Signal | | **Current Consumption** | < 20mA (Standby), < 50mA (Active) | | **Response Time** | < 10ms | --- ### 2. Internal Electronic Components The module consists of several critical electronic sub-assemblies housed within its casing: #### A. Infrared Emitter (TX) * **Component:** High-output IR LED. * **Function:** Emits a modulated light beam at a specific wavelength (usually 850nm or 940nm) to prevent interference from visible ambient light. #### B. Infrared Receiver (RX) * **Component:** Photodiode or Phototransistor with an integrated IR filter. * **Function:** Detects the reflected IR light bouncing off an object. #### C. Control Circuitry (The "Brain") * **Oscillator:** Generates the frequency for the IR pulse. * **Comparator/Op-Amp:** (e.g., LM393 or similar) Compares the received signal strength against a reference threshold to determine if an object is present. * **MCU (Optional):** Some versions use a small microcontroller for logic, such as anti-interference filtering or delay timers. #### D. Signal Output Stage * **Transistor Switch:** Usually an NPN or PNP transistor that acts as a switch to trigger external relays, PLCs, or microcontrollers. --- ### 3. Wiring and Connection Interface The device usually features a 3-wire or 4-wire interface: 1. **Brown (VCC):** Positive power supply (12V typical). 2. **Blue (GND):** Negative/Common ground. 3. **Black (OUT):** Signal output (triggers when an object is detected). 4. **White (Optional):** Sometimes used for logic inversion (Normally Open vs. Normally Closed). --- ### 4. Applications * **Automatic Faucets:** Detects hands to trigger a solenoid valve. * **Conveyor Belts:** Counts items or detects jams in production lines. * **Security Systems:** Acts as a beam-break or proximity trigger for entryways. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output for this sensor?
    • ⤷ How do you adjust the detection distance on the IRS080 series?
    • ⤷ Can this sensor operate under direct sunlight?