전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRS100-R55MF10

  • AI
    The **IRS100-R55MF10** is an industrial-grade infrared (IR) sensor module, typically utilized for non-contact temperature measurement or flame detection in automation environments. It is designed for high reliability and precision. --- ### 1. Key Specifications & Components Below is a breakdown of the primary electronic characteristics of the sensor: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 10V to 30V DC (Standard Industrial Range) | | **Output Type** | Analog (4-20mA or 0-10V) or Digital (RS485/Modbus) | | **Spectral Range** | 8 to 14 µm (Optimized for General Surfaces) | | **Response Time** | < 100 ms (Fast Thermal Tracking) | | **Protection Rating** | IP65 (Dust and Water Jet Resistance) | --- ### 2. Internal Electronic Architecture The device consists of several critical sub-systems that allow it to convert thermal radiation into an electrical signal: 1. **Thermopile/Pyroelectric Detector:** The "heart" of the sensor. It absorbs infrared radiation and converts it into a tiny millivolt (mV) signal. 2. **Signal Conditioning (Op-Amps):** Because the raw sensor output is extremely weak, high-precision operational amplifiers are used to boost the signal and filter out electromagnetic interference (EMI). 3. **Analog-to-Digital Converter (ADC):** A high-resolution ADC (usually 16-bit or 24-bit) converts the amplified analog voltage into a digital value for processing. 4. **Microcontroller (MCU):** Performs internal calibration, emissivity compensation (adjusting for different material types), and manages communication protocols. 5. **Output Driver:** Converts the processed data into industrial standards like a 4-20mA current loop, which is resistant to signal loss over long cables. --- ### 3. Connection Pinout (Typical) While specific wiring can vary by manufacturer revision, the standard M12 or terminal block configuration usually follows this logic: | Wire Color/Pin | Function | Description | | :--- | :--- | :--- | | **Brown** | +VCC | Positive Power Supply (24V typical) | | **Blue** | GND | Power Ground / Reference | | **White** | Output+ | Positive Analog Signal (e.g., 4-20mA) | | **Black** | Communication | RS485-A or Digital Trigger (Model Dependent) | --- ### 4. Application Logic The **R55MF10** suffix often denotes specific lens optics or distance-to-spot ratios (D:S). In this case, it indicates the sensor's "Field of View." * **Electronics Protection:** The internal circuitry is usually encapsulated in epoxy or a metal housing to protect against the high heat it may be monitoring. * **Emissivity Adjustment:** The electronics allow the user to adjust for the "shininess" of the target via a potentiometer or software commands to ensure accurate temperature readings.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the emissivity on this specific model?
    • ⤷ What is the Distance-to-Spot (D:S) ratio for the R55MF10?
    • ⤷ Can this sensor be integrated directly into a PLC via Modbus?