전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IRS100-R55MF40

  • AI
    The **IRS100-R55MF40** is a specific electronic component typically categorized as an **Infrared (IR) Sensor** or **Pyroelectric Infrared (PIR) Sensor**. These components are designed to detect thermal radiation (human motion) or specific light frequencies within the infrared spectrum. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of infrared parts, here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Component Type** | Pyroelectric Infrared Sensor (PIR) | | **Spectral Response** | 5.5µm to 14µm (Standard Far-Infrared) | | **Supply Voltage (Vdd)** | 2.0V to 15.0V (Typical range) | | **Output Type** | Analog (Source Follower) | | **Operating Temp** | -40°C to +85°C | | **Window Material** | Silicon with Optical Filter | --- ### 2. Internal Electronic Structure The IRS100 series generally consists of three primary internal elements: 1. **Pyroelectric Ceramic Element:** A thin slice of ceramic material that generates an electrical charge when exposed to changes in heat (infrared radiation). 2. **Field Effect Transistor (FET):** Since the signal generated by the ceramic is extremely high-impedance and low-power, an internal JFET acts as an impedance converter (buffer) to provide a usable output signal. 3. **Optical Filter:** A "window" that limits the incoming light to specific wavelengths (usually 5.5µm - 14µm) to prevent false triggers from visible light or sunlight. --- ### 3. Pin Configuration and Circuitry To use this part in an electronic design, you must understand the standard 3-pin layout: | Pin Name | Description | Function | | :--- | :--- | :--- | | **Drain** | Vcc / Power | Connected to the positive supply voltage. | | **Source** | Output | The analog signal pin (requires a load resistor). | | **Ground** | Common | The metal housing and ground reference. | #### Typical Application Schematic ```cpp // Basic Circuit Logic [VCC] ---- [Drain Pin] [Source Pin] ---- [Load Resistor (10k-100k)] ---- [GND] | |---> (To Operational Amplifier or ADC) ``` --- ### 4. Common Applications * **Security Systems:** Motion detectors for burglar alarms. * **Smart Lighting:** Automatic street lights or indoor "hands-free" switches. * **Consumer Electronics:** Proximity sensing for displays or smart appliances. * **Industrial:** Non-contact temperature measurement or flame detection. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an analog and digital PIR sensor?
    • ⤷ How do I choose the correct load resistor for the IRS100 series?
    • ⤷ Can this sensor detect stationary objects or only moving ones?