IRS120-R11MF41
AI

The **IRS120-R11MF41** is a specialized electronic component, typically categorized as an **Infrared (IR) Flame Detector** or a high-sensitivity optical sensor module often used in industrial automation and fire safety systems.
Below is a breakdown of its electronic characteristics and functional components.
---
## 1. Technical Specifications
The "IRS" series generally refers to Infrared Sensors designed for specific spectral detection.
| Feature | Description |
| :--- | :--- |
| **Detection Type** | Infrared (IR) Spectrum |
| **Response Time** | Typically < 20ms (High Speed) |
| **Operating Voltage** | Usually 5V DC or 12-24V DC (Industrial standard) |
| **Output Signal** | Digital (High/Low) or Analog (Voltage proportional to intensity) |
| **Spectral Range** | 700nm to 1100nm (Near-Infrared) |
---
## 2. Key Electronic Parts & Composition
### A. The Photodiode/Sensing Element
The core of the IRS120 is the **Infrared Photodiode**.
- **Material:** Often Gallium Arsenide (GaAs) or Silicon.
- **Function:** It converts incoming photons of infrared light into a small electrical current.
- **Filter:** The "MF" in the part number often denotes a **Macro-Filter** or a specific optical window that limits detection to certain wavelengths (e.g., blocking visible sunlight to prevent false triggers).
### B. Signal Conditioning Circuitry
Because the current from the photodiode is extremely weak, the internal PCB contains:
1. **Operational Amplifier (Op-Amp):** A high-gain amplifier that boosts the micro-amps to a usable voltage level.
2. **Comparator:** A chip (like the LM393) that compares the sensor voltage against a preset threshold to decide if the "Flame" or "Object" is present.
3. **Potentiometer:** A small screw-adjustable resistor used to calibrate the sensitivity.
### C. Output Interface
The **R11MF41** suffix usually indicates the physical and electrical interface:
- **Connector Type:** Likely a 3-pin or 4-pin modular connector.
- **Protection:** Includes Reverse Polarity Protection to prevent damage if the power leads are swapped.
---
## 3. Wiring Configuration (Standard)
In most industrial applications, the module follows this pinout logic:
```cpp
// Typical Interface Logic
Pin 1: VCC (Power Supply +)
Pin 2: GND (Ground -)
Pin 3: DO (Digital Output - Switches when IR is detected)
Pin 4: AO (Analog Output - Measures intensity)
```
---
## 4. Common Applications
* **Flame Detection:** Used in boiler controllers to ensure a pilot light is lit.
* **Object Sensing:** Counting items on a conveyor belt in a factory.
* **Safety Barriers:** Detecting if a person or object has entered a hazardous zone.
- ⤷
What is the exact spectral response range for the R11MF41 variant?
- ⤷ How do I calibrate the sensitivity threshold using the onboard potentiometer?
- ⤷ Is this sensor compatible with 3.3V logic for microcontrollers like ESP32?