전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IS25LE01G-RILA3

  • AI
    ## IS25LE01G-RILA3: 1Gbit Flash Memory Overview The **IS25LE01G-RILA3** is a high-performance, 1-Gigabit (1Gb) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It belongs to the IS25LE family, which is designed for high-density storage with low power consumption and high-speed data transfer interfaces. --- ### Core Specifications | Feature | Specification | |:---|:---| | **Memory Density** | 1 Gigabit (128 Megabytes) | | **Interface** | Multi-I/O SPI (Serial Peripheral Interface) | | **Operating Voltage** | 2.3V to 3.6V | | **Max Clock Frequency** | 133 MHz (Single/Dual/Quad I/O) | | **Max Throughput** | Up to 532 Mbps (in Quad SPI mode) | | **Package Type** | LFBGA (Low-profile Fine-pitch Ball Grid Array) | | **Temperature Grade** | Automotive Grade A3 (-40°C to +125°C) | --- ### Key Features 1. **Multi-I/O Support**: Supports standard SPI, Dual SPI (DIO), and Quad SPI (QIO). This allows for much faster data transfer rates compared to standard serial flash. 2. **Reliability**: Includes hardware and software data protection. It is designed for high-reliability applications, featuring over 20 years of data retention and 100,000 erase/program cycles. 3. **Automotive Grade (A3)**: The "A3" suffix indicates it is qualified for automotive applications, meaning it can withstand extreme temperature fluctuations and rigorous vibration standards. 4. **Flexible Architecture**: * **Uniform Sector Erase**: 4KB sectors. * **Uniform Block Erase**: 32KB and 64KB blocks. * **Page Program**: 256 bytes per page. --- ### Pin Configuration (LFBGA-24) While the physical layout is a grid of solder balls, the functional pins include: | Pin Name | Function | Description | |:---|:---|:---| | **CS#** | Chip Select | Activates the device when pulled low. | | **SO (IO1)** | Serial Data Out | Data output (becomes bidirectional in Dual/Quad mode). | | **WP# (IO2)** | Write Protect | Provides hardware write protection. | | **SI (IO0)** | Serial Data In | Data input (becomes bidirectional in Dual/Quad mode). | | **SCK** | Serial Clock | Provides the timing for the serial interface. | | **HOLD# (IO3)** | Hold / Reset | Pauses serial communication without deselecting the device. | --- ### Typical Applications * **Automotive Infotainment**: Storing high-resolution graphics and OS kernels. * **Advanced Driver Assistance Systems (ADAS)**: Fast boot-up for camera and sensor data. * **Industrial Automation**: Ruggedized storage for PLC and HMI systems. * **Networking**: Storing firmware and configuration tables for routers and switches.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for active read vs standby mode?
    • ⤷ How does the 'Quad I/O' mode improve performance compared to standard SPI?
    • ⤷ What are the specific programming and erase timings for this 1Gb chip?