전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • IS485

  • AI
    It appears you are referring to **RS-485** (often mistyped as IS485), which is a standard for serial communication in industrial environments. Below is a breakdown of the electronic components and hardware aspects required to implement an RS-485 system. --- ## 1. Core Components of an RS-485 System To build an RS-485 circuit, you typically need the following electronic parts: | Component | Function | Examples | | :--- | :--- | :--- | | **Transceiver IC** | Converts TTL/CMOS signals (from a MCU) into differential signals. | MAX485, SN75176, SP3485 | | **Termination Resistors** | Prevents signal reflections at the ends of long cables. | 120 $\Omega$ Resistor | | **Biasing Resistors** | Keeps the bus in a known state when no device is transmitting. | 470 $\Omega$ to 10k $\Omega$ pull-up/down | | **Cabling** | The physical medium for signal travel. | Twisted Pair (Shielded preferred) | | **Protection Diodes** | Protects the IC from high-voltage spikes/ESD. | TVS Diodes (e.g., SM712) | --- ## 2. The Transceiver (The Heart of the System) The **Transceiver** is the most critical part. Because RS-485 is **Differential**, it uses two wires (A and B) to send data. ### Key Pins on a standard Transceiver (e.g., MAX485): * **RO (Receiver Output):** Connected to the MCU's RX pin. * **DI (Driver Input):** Connected to the MCU's TX pin. * **RE (Receiver Enable):** Active LOW. Usually tied to DE. * **DE (Driver Enable):** Active HIGH. High = Transmit; Low = Receive. * **A / B:** The differential bus lines. --- ## 3. Passive Electronic Parts ### Termination Resistors RS-485 requires a **120 Ohm resistor** placed across the A and B lines at the **two extreme ends** of the bus. Without these, signals can bounce back (reflect) and cause data corruption, especially at high speeds or over long distances. ### Failsafe Biasing When no device is talking, the lines are "floating." To prevent the receiver from seeing random noise as data: * A **Pull-up** resistor is added to Line A (connected to VCC). * A **Pull-down** resistor is added to Line B (connected to GND). --- ## 4. Typical Circuit Schematic Representation ```text MCU TX ----> [ DI (MAX485) A ] <----Bus Line A----> (Other Nodes) MCU RX <---- [ RO B ] <----Bus Line B----> (Other Nodes) Control ----> [ DE/RE ] ``` --- ## 5. Summary Table: Physical Specifications | Feature | Specification | | :--- | :--- | | **Logic** | Differential (A-B voltage difference) | | **Max Distance** | 1200 meters (approx. 4000 feet) | | **Max Nodes** | 32 standard (up to 256 with modern ICs) | | **Operation Mode** | Half-Duplex (2 wires) or Full-Duplex (4 wires) |
    ✨ Follow-up Questions
    • What is the difference between RS-485 and RS-232?
    • How do I choose between a 3.3V and 5V RS-485 transceiver?
    • Why is twisted pair cabling necessary for RS-485?