전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • ISC0604NLS

  • AI
    ## Analysis of the ISC0604NLS Power MOSFET The **ISC0604NLS** is a high-performance, N-channel enhancement mode power MOSFET. It is designed primarily for high-frequency switching and high-efficiency power conversion applications, often utilized in DC-DC converters and telecommunications infrastructure. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ISC0604NLS: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 60 V | | **Continuous Drain Current** | $I_D$ | 63 A (at $T_c = 25^\circ C$) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 6.4 m$\Omega$ (max @ $V_{GS} = 10V$) | | **Gate-Source Voltage** | $V_{GS}$ | $\pm 20$ V | | **Total Gate Charge** | $Q_g$ | ~15 nC | | **Package Type** | - | TDSON-8 (SuperSO8) | --- ### 2. Physical Characteristics and Pinout The device typically comes in a **TDSON-8** package (also known as Power56), which is optimized for thermal management and low parasitic inductance. * **Compact Footprint:** Ideal for high-density PCB layouts. * **Thermal Pad:** The bottom of the package acts as a large drain connection to facilitate heat dissipation into the PCB. --- ### 3. Core Features * **Logic Level Compatibility:** The "L" in the suffix usually denotes a Logic Level gate drive, meaning it can be fully turned on with a 4.5V or 5V gate signal. * **Low $R_{DS(on)}$:** This minimizes conduction losses, increasing overall system efficiency. * **Low Gate Charge ($Q_g$):** This allows for faster switching speeds and reduces driving losses, which is critical for high-frequency PWM applications. * **Lead-free and RoHS Compliant:** Meets modern environmental standards. --- ### 4. Common Applications Due to its robust current handling and efficiency, the ISC0604NLS is frequently used in: 1. **Synchronous Rectification:** In AC/DC and DC/DC power supplies. 2. **Motor Control:** Small BLDC motor drives for power tools or fans. 3. **OR-ing FETs:** Used in redundant power systems to prevent back-feed. 4. **Battery Management Systems (BMS):** For load switching and protection circuits. --- ### 5. Equivalent Replacement (General Code) If you are looking for alternatives in a design environment, consider MOSFETs with similar $V_{DS}$ and $R_{DS(on)}$ ratings in the Power56 package. ```python # Conceptual search criteria for equivalents Target_MOSFET = { "V_DS_min": 60, # Volts "RDS_on_max": 6.5, # mOhms "Package": "TDSON-8", "Logic_Level": True } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the ISC0604NLS?
    • ⤷ How does the RDS(on) change if the gate voltage is lowered to 4.5V?
    • ⤷ What are the recommended heat sinking strategies for the TDSON-8 package?