전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • J4-R3

  • AI
    The **J4-R3** (often associated with industrial robotics, specific PLC modules, or custom robotics kits like those from the *Mecha* or *Fanuc* lineages) typically refers to a **4-axis robotic arm controller or joint interface**. The electronics of the J4-R3 are designed to bridge the gap between high-level software commands and the physical movement of the motors. --- ### Core Electronic Components The J4-R3 system generally consists of the following key electronic parts: | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Microcontroller / DSP** | The "Brain" | Processes trajectory calculations and PID control loops. | | **Motor Drivers** | Power Stage | Translates low-voltage logic signals into high-current power for the motors. | | **Encoders** | Feedback System | Provides real-time data on joint position, speed, and direction. | | **Voltage Regulator** | Power Management | Converts input voltage (often 12V-24V) to logic levels (3.3V/5V). | | **Communication Port** | Interface | Usually uses RS-485, CAN bus, or TTL Serial for controller-to-PC communication. | --- ### Detailed Breakdown of Parts #### 1. Actuation & Drive System The "J4" designation usually implies control over 4 Degrees of Freedom (DoF). * **Stepper or Servo Motors:** Used for precise positioning. * **H-Bridge Circuits:** Integrated into the drivers to allow the motors to rotate in both clockwise and counter-clockwise directions. #### 2. Feedback Sensors To prevent "drift" and ensure accuracy, the R3 revision often includes: * **Optical Encoders:** High-resolution disks that pulse as the motor spins. * **Limit Switches:** Mechanical or Hall-effect sensors that define the "Home" position (zeroing). #### 3. Protection Circuitry * **Optoisolators:** Protect the main microcontroller from back-EMF or voltage spikes generated by the motors. * **Thermal Shutdown:** Sensors that cut power if the motor drivers exceed a specific temperature (usually 150°C). --- ### Wiring and Connectivity Most J4-R3 boards utilize a specific pinout for their headers: ```yaml Pin 1: VCC (Main Power) Pin 2: GND (Common Ground) Pin 3: Signal - Step/Pulse Pin 4: Signal - Direction Pin 5: Enable (Logic On/Off) Pin 6: Feedback (Encoder A/B) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the J4-R3 motor drivers?
    • ⤷ Does the J4-R3 support closed-loop control or open-loop only?
    • ⤷ Which communication protocol is most commonly used to program the J4-R3?