전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • J5027-R

  • AI
    The **J5027-R** is a high-voltage NPN power transistor, primarily designed for use in switching power supplies (SMPS), specifically as a high-speed power switch. It is frequently found in the primary stage of computer power supplies or small electronic ballast circuits. ### 1. General Specifications The "R" suffix typically denotes a specific gain range ($h_{FE}$ classification), which is crucial for matching components in circuit designs. | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | NPN | Negative-Positive-Negative Bipolar Junction Transistor | | **Material** | Silicon | Standard semiconductor material | | **$V_{CBO}$** | 1100V | Collector-Base Voltage (Maximum) | | **$V_{CEO}$** | 800V | Collector-Emitter Voltage (Maximum) | | **$I_C$** | 3.0A | Continuous Collector Current | | **$P_D$** | 40W - 50W | Total Power Dissipation (with heat sink) | | **Package** | TO-220F | Fully isolated plastic package | --- ### 2. Pinout Configuration When looking at the front (labeled side) of the J5027-R with pins pointing down, the sequence is: 1. **Base (B):** The trigger pin that controls the flow between Collector and Emitter. 2. **Collector (C):** Connected to the high-voltage load/input. 3. **Emitter (E):** Usually connected to the ground or a sensing resistor. --- ### 3. Key Electronic Characteristics * **High Voltage Rating:** With a $V_{CEO}$ of 800V, it can safely handle the high-voltage spikes typically found in AC-to-DC rectification stages. * **Fast Switching:** It is optimized for high-frequency operation, reducing energy loss during the transition between "ON" and "OFF" states. * **Isolated Package (TO-220F):** The "F" often stands for Full-Pack. This means the metal tab is covered in plastic, allowing you to mount it to a heat sink without an extra mica insulator. * **Gain Classification (R):** The "R" rank usually indicates a DC Current Gain ($h_{FE}$) in the range of **15 to 30**. --- ### 4. Typical Applications * **Standby Power Supplies:** Used in the "Always On" 5VSB circuit of ATX power supplies. * **Electronic Ballasts:** Used in fluorescent lighting circuits to handle high-speed switching. * **DC-DC Converters:** Acting as the main switching element to step down voltage. --- ### 5. Safe Operating Precautions 1. **Heat Management:** Despite being rated for 40W+, it requires a substantial heat sink to prevent thermal runaway during high-current operation. 2. **Flyback Diode:** When driving inductive loads (like a transformer), ensure a protective diode is present to prevent back-EMF from destroying the transistor.
    ✨ Follow-up Questions
    • ⤷ What are the common equivalent or substitute parts for the J5027-R?
    • ⤷ How do I test a J5027-R using a digital multimeter?
    • ⤷ What is the difference between the J5027-R and the J5027-O versions?