전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JAPD2-0J-R

  • AI
    The **JAPD2-0J-R** is a specific part number belonging to the **JAPD Series** of Polymeric ESD (Electrostatic Discharge) Suppressors manufactured by **Susumu Co., Ltd.** These components are designed to protect sensitive electronic circuits from high-voltage transients, such as those caused by human contact or air discharge, while maintaining signal integrity in high-speed data lines. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Susumu | | **Series** | JAPD (Polymeric ESD Suppressor) | | **Package Size** | 0402 (Inch) / 1005 (Metric) | | **Rated Voltage** | 20V DC | | **Capacitance** | Very Low (~0.05pF to 0.1pF) | | **Leakage Current** | < 1nA | | **Trigger Voltage** | ~150V - 300V | | **Clamping Voltage** | ~25V - 50V | --- ### 2. Physical Construction and Technology Unlike standard TVS diodes that use silicon, the JAPD series utilizes **Polymer Composite Technology**. * **Structure:** It consists of a polymer material embedded with conductive particles. * **Mechanism:** Under normal operating voltages, the polymer acts as an insulator. When an ESD event occurs, the high voltage causes the particles to form a conductive path (tunneling effect), shunting the spike to the ground instantly. --- ### 3. Core Advantages The "0J" variant is particularly valued for the following reasons: 1. **Ultra-Low Capacitance:** With capacitance levels near 0.05pF, it has almost zero impact on signal distortion. This makes it superior to traditional diodes for high-frequency applications. 2. **Bi-directional Protection:** It protects against both positive and negative ESD strikes. 3. **Fast Response Time:** It reacts in less than 1 nanosecond, which is critical for protecting sub-micron CMOS chips. 4. **Durability:** It is designed to withstand multiple ESD hits without degrading, compliant with IEC 61000-4-2 Level 4. --- ### 4. Common Applications Due to its high-speed compatibility, the JAPD2-0J-R is typically found in: * **High-Speed Interfaces:** USB 3.0/3.1, HDMI 2.0, DisplayPort, and Thunderbolt. * **RF Antennas:** Protecting NFC, GPS, and Wi-Fi front-ends where signal loss must be minimized. * **Consumer Electronics:** Smartphones, tablets, and high-end laptops. ---
    ✨ Follow-up Questions
    • ⤷ How does the JAPD2-0J-R compare to a standard TVS diode in terms of signal integrity?
    • ⤷ What are the soldering layout recommendations for this 0402 package?
    • ⤷ Can this part be used in automotive-grade environments?