JAPD2-4A-R
AI

The **JAPD2-4A-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Inductor** (often referred to as a power inductor or choke). These components are essential in power management circuits to store energy and filter noise.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Property | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Inductance** | Variable (Commonly 4.7µH or 4.0µH depending on exact batch) |
| **Current Rating** | High Current (Typically 2A to 4A range) |
| **Packaging** | Tape and Reel (indicated by the "-R" suffix) |
| **Shielding** | Magnetically Shielded (Prevents EMI interference) |
---
### 2. Physical Construction
The "JAPD" series usually features a robust build designed for modern PCB assembly:
* **Core Material:** Ferrite or Composite Metal Powder. This allows for high saturation currents and low core losses.
* **Shielding:** The component is enclosed in a magnetic shield. This is critical for high-density boards where parts are packed closely together, as it prevents the inductor's magnetic field from affecting neighboring components.
* **Terminations:** Solder-plated leads/pads designed for reflow soldering processes.
---
### 3. Common Applications
This part is frequently found in high-efficiency power electronics, including:
1. **DC-DC Converters:** Used in "Buck" (step-down) or "Boost" (step-up) converters to smooth out current ripples.
2. **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards to provide stable power to CPUs/GPUs.
3. **Battery Powered Devices:** Used in smartphones and tablets due to its small footprint and high efficiency.
4. **LED Drivers:** To provide a constant, filtered current to high-brightness LEDs.
---
### 4. Part Number Breakdown
While manufacturer codes vary slightly, the suffixing usually follows this logic:
* **JAPD:** Series/Manufacturer Series code.
* **2-4A:** Size/Inductance/Current rating identifier.
* **-R:** Indicates the part is supplied on a **Reel** for automated pick-and-place machines.
---
### 5. Selection Considerations
When replacing or designing with the JAPD2-4A-R, pay attention to:
* **DCR (DC Resistance):** Lower DCR results in less heat generation and higher efficiency.
* **Saturation Current ($I_{sat}$):** The point where inductance drops by a specific percentage (usually 30%). Do not exceed this in your circuit.
* **Operating Temperature:** Ensure the ambient environment does not exceed the component's rated temperature (often -40°C to +125°C).
- ⤷What is the exact saturation current rating for the JAPD2-4A-R?
- ⤷ Are there equivalent drop-in replacements from brands like Coilcraft or TDK?
- ⤷ Does this component comply with RoHS environmental standards?