전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JAPD2-B-R

  • AI
    ## Overview of the JAPD2-B-R The **JAPD2-B-R** is a specific part number typically associated with **Molded Case Circuit Breakers (MCCB)** or power distribution components manufactured by **Fuji Electric**. Specifically, it refers to a plug-in base or a terminal adapter kit designed for high-performance circuit protection systems. --- ### Technical Specifications and Features | Category | Specification | Description | | :--- | :--- | :--- | | **Manufacturer** | Fuji Electric | Global leader in power electronics and protection. | | **Component Type** | Plug-in Mounting Base | Allows for easy installation/removal of the breaker. | | **Compatibility** | G-TWIN Series | Primarily used with the BW/EW series MCCBs. | | **Number of Poles** | 2-Pole (2P) | Indicated by the "2" in the prefix. | | **Termination** | Rear Connection | "R" suffix typically denotes rear-wiring capability. | --- ### Key Electronic & Mechanical Functions The JAPD2-B-R serves as the interface between the circuit breaker unit and the electrical panel. Its primary electronic roles include: 1. **High Current Conductivity:** Constructed with high-grade copper alloys to ensure minimal voltage drop across the connection points. 2. **Arc Management:** Designed to withstand the thermal stresses during a short-circuit trip event, ensuring the housing does not melt or deform. 3. **Isolation:** Provides a high dielectric strength between the two phases (poles) to prevent flashovers. 4. **"Hot-Swap" Facilitation:** The plug-in design allows technicians to replace the circuit breaker without rewiring the main power bus, significantly reducing downtime. --- ### Component Identification Breakdown Understanding the part number code helps in identifying the exact electronic application: * **JAP:** Product series code for Mounting Bases/Accessories. * **D2:** Designator for Frame Size and Number of Poles (2-Pole). * **B:** Refers to the Base type (Standard Plug-in). * **R:** Denotes the physical orientation of the terminals (Rear Connection). --- ### Application Scenarios * **Data Centers:** Where rapid maintenance of power modules is required. * **Industrial Control Panels:** To organize wiring behind the mounting plate (using the Rear connection). * **Marine Equipment:** Where vibration-resistant, secure connections are critical.
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage rating supported by the JAPD2-B-R base?
    • ⤷ Does this model support 3-phase electrical systems?
    • ⤷ Are there specific torque requirements for the terminal screws on this unit?