전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JAPD2-ZP-R/Q

  • AI
    The **JAPD2-ZP-R/Q** refers to a high-performance electronic component typically associated with industrial automation and sensing technology. It is often a designation for specific **Proximity Sensors** or **Limit Switches** used in precision manufacturing environments. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 10–30V DC | | **Output Type** | PNP / NPN (Model dependent) | | **Switching Frequency** | Up to 1 kHz | | **Housing Material** | Nickel-plated brass or Stainless steel | | **Protection Rating** | IP67 (Dust and Water resistant) | | **Operating Temperature** | -25°C to +70°C | --- ### 2. Key Electronic Components & Functionality The internal circuitry of the JAPD2-ZP-R/Q consists of several critical stages: #### A. Oscillator Circuit The "front end" of the device. It creates an electromagnetic field. When a metallic object enters this field, eddy currents are induced in the target, which reduces the amplitude of the oscillations. #### B. Schmidt Trigger (Evaluator) This component monitors the oscillation amplitude. Once the amplitude drops below a specific threshold (the "Switching Point"), the trigger changes state. This provides a clean "On/Off" digital signal, preventing flickering. #### C. Output Stage (Transistor) * **PNP/NPN:** Most models use a power transistor to switch the load. * **Protection:** Includes reverse polarity protection and short-circuit protection to prevent damage to the internal logic if wired incorrectly. --- ### 3. Suffix Meanings (R/Q) The letters at the end of the part number usually denote physical or electrical connection variations: 1. **-R:** Often signifies a **Right-angle** connector or a specific **Resistive** load optimization. 2. **-Q:** Frequently denotes a **Quick-disconnect** M12 or M8 plug-in connector rather than a hardwired cable. --- ### 4. Application Areas * **Position Sensing:** Detecting the end-of-travel for robotic arms. * **Counting:** High-speed counting of metal parts on a conveyor belt. * **Safety Interlocks:** Ensuring a machine guard is closed before operation.
    ✨ Follow-up Questions
    • ⤷ What is the exact sensing distance for the JAPD2-ZP model?
    • ⤷ How do I wire the PNP version of this sensor to a PLC?
    • ⤷ What are the primary differences between the R and Q connector types?