JB10CX26SN2-RK
AI

The **JB10CX26SN2-RK** is a specialized high-density circular connector, typically part of the **JB10 series** produced by manufacturers like JAE (Japan Aviation Electronics). These connectors are designed for compact electronic equipment requiring high reliability and space efficiency.
---
### 1. Part Number Breakdown
While specific prefixes can vary by manufacturer, here is the standard technical breakdown for this series:
| Component | Identifier | Description |
| :--- | :--- | :--- |
| **Series** | JB10 | Compact, high-density circular connector series. |
| **Shell Size** | CX (or 10) | Refers to the outer diameter/housing size. |
| **Contact Qty** | 26 | Contains 26 individual pins/circuits. |
| **Gender** | S | Socket (Female contacts). |
| **Orientation** | N | Normal keyway positioning. |
| **Termination** | 2 | Often indicates a specific PCB tail length or solder type. |
| **RoHS/Special** | RK | Compliance code (Lead-free/RoHS) or specialized kit packaging. |
---
### 2. Key Technical Specifications
These parts are engineered for signal integrity in tight spaces.
* **Contact Density:** 26 pins in a very small form factor.
* **Coupling Mechanism:** Push-pull or threaded (depending on specific sub-series), designed for one-touch vibration-resistant mating.
* **Contact Resistance:** Generally low (under 30mΩ) to ensure signal precision.
* **Durability:** Rated for high mating cycles (typically 500+).
* **Operating Temperature:** Usually rated from -55°C to +85°C.
---
### 3. Electronic Applications
The **JB10CX26SN2-RK** is frequently used in the following environments:
1. **Handheld Devices:** Professional cameras, medical scanners, and portable testing equipment.
2. **Industrial Robotics:** Sensor arrays and control units where space is limited but high pin counts are needed.
3. **Aerospace/Defense:** Small-scale UAV (drone) control systems due to its lightweight and high-density nature.
---
### 4. Technical Drawing & Footprint
* **Mounting Type:** This specific model is usually a **Receptacle** (S) intended for **PCB Mounting**.
* **Pitch:** Because it packs 26 pins into a small shell, the pitch (distance between pins) is extremely fine, requiring precision soldering or automated SMT processes.
- ⤷
What are the current and voltage ratings for the JB10 series?
- ⤷ Is there a specific extraction tool required for the JB10CX26SN2-RK?
- ⤷ What is the mating plug part number for this specific receptacle?