전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JDL-A4D-R

  • AI
    The **JDL-A4D-R** is a specific electronic component, typically categorized as a **Solid State Relay (SSR)** or a specialized **Signal Isolation/Power Module**, commonly used in industrial automation for controlling AC or DC loads. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The following table highlights the general electrical parameters for this class of device: | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage (Control)** | 3 - 32V DC (Standard Logic Level) | | **Output Voltage (Load)** | 24 - 480V AC (or DC depending on sub-model) | | **Current Rating** | Generally 10A to 40A | | **Isolation Voltage** | ≥ 2500V AC (Opto-isolation) | | **Switching Type** | Zero-Cross Switching (minimizes EMI) | | **Response Time** | < 10ms | --- ### 2. Core Electronic Components Inside the JDL-A4D-R, several key electronic stages work together to manage the signal: 1. **Optical Isolator (Optocoupler):** * Ensures complete electrical separation between the low-power control circuit (PLC/Microcontroller) and the high-power load circuit. 2. **Trigger Circuit:** * Includes a "Zero-Crossing" detection circuit. This ensures the relay only switches ON when the AC voltage is near zero, reducing electrical noise and protecting the load. 3. **Power Switching Element:** * Uses a **TRIAC** or back-to-back **Thyristors (SCRs)**. These handle the high-current flow to the motor or heater being controlled. 4. **Protection Circuitry (Snubber):** * Contains an internal RC (Resistor-Capacitor) network or a Varistor to absorb voltage spikes and prevent accidental triggering from "dV/dt" noise. --- ### 3. Pinout and Connection Logic The device is usually designed with a standard 4-terminal layout for easy integration: * **Terminals 1 & 2 (Output):** Connected in series with the high-voltage load. * **Terminals 3 & 4 (Input):** Connected to the control signal (e.g., a PLC output). Terminal 3 is usually Positive (+), and Terminal 4 is Negative (-). ### 4. Advantages of JDL-A4D-R * **No Mechanical Wear:** Unlike traditional electromagnetic relays, there are no moving parts, resulting in a significantly longer lifespan. * **Silent Operation:** Ideal for environments where clicking noises are undesirable. * **Fast Switching:** Capable of high-frequency switching, making it suitable for PWM (Pulse Width Modulation) temperature control. ---
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for the JDL-A4D-R?
    • ⤷ Can this component be used for DC motor speed control?
    • ⤷ How do I troubleshoot a JDL-A4D-R that won't switch off?