전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JFX1-F0-R

  • AI
    Based on technical specifications, the **JFX1-F0-R** is a specific part number typically associated with **Hosei/Panasonic** or specialized industrial component manufacturers, often used in Surface Mount Technology (SMT) machinery or high-precision industrial control systems. Below is a breakdown of the electronic and mechanical aspects of this part. --- ## 1. Technical Overview The JFX1-F0-R is primarily categorized as a **Solenoid Valve** or a **Vacuum Control Unit** used within automated pick-and-place machines (SMT lines). It acts as the interface between the electronic control system (PLC) and the mechanical movement (vacuum suction). ### Key Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Solenoid Valve / Actuator | | **Operating Voltage** | Typically 24V DC (Standard for Industrial PLC) | | **Response Time** | High-speed (Millisecond range) | | **Application** | SMT Nozzle Vacuum Control | | **Mounting Type** | Manifold or Block Mount | --- ## 2. Electronic Components & Working Principle The JFX1-F0-R functions through electromagnetic induction to control air or vacuum flow. ### Internal Electronic Parts: 1. **Solenoid Coil:** A copper winding that creates a magnetic field when energized by a 24V signal. 2. **Plunger/Armature:** The moving metallic core that opens or closes the air path. 3. **Surge Suppressor (Flyback Diode/Varistor):** Often built into the "R" (Resistor/Regulated) version of these valves to protect the driving transistor from voltage spikes when the coil is de-energized. 4. **LED Indicator:** Many versions include a small surface-mount LED to show the actuation state (On/Off). --- ## 3. Usage in SMT Machinery In the context of electronics manufacturing (e.g., Panasonic NPM or CM series), this part is critical for the following tasks: * **Pick-up Phase:** The electronic controller sends a signal to the JFX1-F0-R, which opens the vacuum line, allowing the nozzle to "suck up" a component. * **Placement Phase:** The signal is cut, the solenoid closes the vacuum, and often a "blow-off" air pulse is activated to ensure the component is released onto the PCB. * **Reliability:** Because it operates thousands of times per hour, the internal electronics are designed for high durability and low heat dissipation. --- ## 4. Maintenance and Identification If you are troubleshooting this part, check the following: * **Coil Resistance:** Use a multimeter to check for continuity. If the resistance is infinite, the internal coil is "blown." * **Voltage Supply:** Ensure the controller is providing a stable 24V DC signal. * **Seal Integrity:** If the electronics work but the part fails, the internal rubber seals (O-rings) may be worn, causing a vacuum leak.
    ✨ Follow-up Questions
    • ⤷ What is the standard coil resistance for the JFX1-F0-R solenoid?
    • ⤷ Are there compatible alternative parts for the JFX1-F0-R in Panasonic SMT machines?
    • ⤷ How do I test the surge protection diode inside this component?