전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JFX1-H3-R

  • AI
    The **JFX1-H3-R** is a specific electronic component typically categorized under high-performance high-speed connectors or modular cable assemblies. Based on industry standards (often associated with manufacturers like **JAE** or specialized interface providers), here is a detailed breakdown of its electronic parts and specifications. --- ## 1. Technical Specifications The JFX series is designed for high-speed differential signal transmission. Below is a summary of the typical electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Connector Type** | High-speed Plug/Receptacle | | **Impedance** | 100 $\Omega$ (Differential) | | **Operating Voltage** | 30V AC/DC | | **Current Rating** | 0.5A per contact | | **Insulation Resistance** | 100 M$\Omega$ Min | | **Contact Resistance** | 50 m$\Omega$ Max | --- ## 2. Key Electronic Components & Materials The construction of the JFX1-H3-R involves several critical materials that define its electronic performance: ### A. Contact Pins (Conductive Path) * **Material:** Phosphor Bronze or Copper Alloy. * **Plating:** Gold plating over Nickel. Gold is used at the contact point to prevent oxidation and ensure a low-resistance connection over thousands of cycles. ### B. Dielectric Housing (Insulator) * **Material:** Heat-resistant plastic (e.g., LCP - Liquid Crystal Polymer). * **Role:** Prevents short-circuiting between pins and maintains the specific spacing required to achieve the 100 $\Omega$ characteristic impedance necessary for high-speed data. ### C. Shielding (EMI Protection) * **Structure:** Stainless steel or Copper alloy shells. * **Function:** Acts as a Faraday cage to protect signals from Electromagnetic Interference (EMI) and reduces Crosstalk between adjacent signal pairs. --- ## 3. Functional Design Features The "electronic" utility of the JFX1-H3-R is defined by its mechanical layout: 1. **Differential Pair Routing:** The pins are arranged to minimize "skew" (time delay) between the positive and negative signals in a pair. 2. **Surface Mount Technology (SMT):** Designed to be soldered directly onto a PCB, minimizing lead inductance which can degrade high-frequency signals. 3. **Low Profile:** The height is minimized to reduce the physical loop area, which helps in maintaining signal integrity. --- ## 4. Common Applications Due to its high-speed capabilities, this part is frequently found in: * **Internal Display Interfaces:** Connecting motherboards to LCD/LED panels (e.g., LVDS or eDP). * **Medical Equipment:** High-resolution imaging data paths. * **Industrial Automation:** High-speed sensor data transmission.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the JFX1 series?
    • ⤷ Is the JFX1-H3-R compatible with standard LVDS pinouts?
    • ⤷ What are the recommended soldering temperature profiles for this SMT component?